Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVR18S471MG-S Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR18S471MG-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR18S471MG-S Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MVR18S471MG-S Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR18S471MG-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Part No.
Maximum
Allowable
Voltage
Varistor
Voltage
Clamping
Voltage
(Max.)
Maximum
Peak Current
(8/20
μs)(A)
Maximum
Energy
(10/1000 s J)
Rated
Power
Typical
Capacitance
Acrms
(V)
DC
(V)
V@1ma
(V)
VC
(V)
Ip
(A)
standard
high
surge
standard
high
surge
(w)
@1KHz
(pF)
05D 180K
11
14
18(15~21)
40
1
100
250
0.4
0.6
0.01
1400
05D 220K
14
18
22(20~24)
48
0.5
0.7
1150
05D 270K
17
22
27(24~30)
60
0.6
0.9
930
05D 330K
20
26
33(30~36)
73
0.8
1.1
760
05D 390K
25
31
39(35~43)
86
0.9
1.2
640
05D 470K
30
38
47(42~52)
104
1.1
1.5
530
05D 560K
35
45
56(50~62)
123
1.3
1.8
450
05D 680K
40
56
68(61~75)
150
1.6
2.2
370
05D 820K
50
65
82(74~90)
145
5
400
800
2.5
4.0
0.10
300
05D 101K
60
85
100(90~110)
175
3.0
4.1
250
05D 121K
75
100
120(108~132)
210
4.0
4.9
210
05D 151K
95
125
150(135~165)
260
4.8
6.5
165
05D 181K
115
150
180(162~198)
320
5.9
7.5
140
05D 201K
130
170
200(185~225)
355
6.5
8.5
125
05D 221K
140
180
220(198~242)
380
7.0
9.0
110
05D 241K
150
200
240(216~264)
415
8.0
10.5
100
05D 271K
175
225
270(243~297)
475
8.5
11.0
95
05D 301K
190
250
300(270~330)
520
9.0
12.0
85
05D 331K
210
275
330(297~363)
570
9.5
13.0
75
05D 361K
230
300
360(324~396)
620
10.0
16.0
70
05D 391K
250
320
390(351~429)
675
12.0
17.0
65
05D 431K
275
350
430(387~473)
745
13.0
20.0
60
05D 471K
300
385
470(423~517)
810
15.0
21.0
55
05D 511K
320
415
510(459~561)
845
16.0
22.5
50
05D 561K
350
460
560(504~616)
920
16.0
24.0
45
MERITEK
Metal Oxide Varistors
MVRSeries
05D SPECIFICATION


Similar Part No. - MVR18S471MG-S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR1812-101G LEIDITECH-MVR1812-101G Datasheet
862Kb / 5P
   Maximum allowable continuous DC voltage VDC 85.0 V
MVR1812-120G LEIDITECH-MVR1812-120G Datasheet
602Kb / 5P
   Maximum allowable continuous DC voltage
MVR1812-120G LEIDITECH-MVR1812-120G Datasheet
831Kb / 5P
   Maximum allowable continuous DC voltage VDC 9.0 V
MVR1812-160G LEIDITECH-MVR1812-160G Datasheet
752Kb / 5P
   Maximum allowable continuous DC voltage
MVR1812-180G LEIDITECH-MVR1812-180G Datasheet
590Kb / 5P
   Maximum allowable continuous DC voltage
More results

Similar Description - MVR18S471MG-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com