Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVR14S471MG-S Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR14S471MG-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR14S471MG-S Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button MVR14S471MG-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MVR14S471MG-S Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MERITEK
Metal Oxide Varistors
MVRSeries
Part No.
Maximum
Allowable
Voltage
Varistor
Voltage
Clamping
Voltage
(Max.)
Maximum
Peak Current
(8/20 s)(A)
Max.
Energy
Rated
Power
Typical
Capacitance
(Reference)
AC (V) DC (V)
V @1ma (V)
VC (V)
Ip
(A)
In.
I max.
(10/1000 s J)
(w)
(pF) @1KHz
32D 201K
130
170
200(185~225)
340
200
15000
25000
250
1.4
5200
32D 221K
140
180
220(198~242)
360
270
5150
32D 241K
150
200
240(216~264)
395
290
5100
32D 271K
175
225
270(243~297)
455
300
4800
32D 301K
190
250
300(270~330)
500
330
4500
32D 331K
210
275
330(297~363)
550
360
4300
32D 361K
230
300
360(324~396)
595
380
3900
32D 391K
250
320
390(351~429)
650
400
3200
32D 431K
275
350
430(387~473)
710
430
3100
32D 471K
300
385
470(423~517)
775
460
2800
32D 511K
320
415
510(459~561)
845
510
2700
32D 561K
350
460
560(504~616)
920
570
2400
32D 621K
385
505
620(558~682)
1025
600
2200
32D 681K
420
560
680(612~748)
1120
620
2000
32D 751K
460
615
750(675~825)
1240
660
1900
32D 781K
485
640
780(702~858)
1290
700
1800
32D 821K
510
670
820(738~902)
1355
750
1300
32D 911K
550
745
910(819~1001)
1500
780
1200
32D 102K
625
825
1000(900~1100)
1650
810
1100
32D 112K
680
895
1100(990~1210)
1815
910
1000
32D 122K
750
990
1200(1080~1320)
1980
960
920
D Max.
H Max.
W1 0.5
W2 0.1
M 0.2
F 1.0
T Max
K
+
_
+
_
+
_
+
_
38.0
56.3
7.0
0.5
3.8
5.0
25.4
<_
Please check dimensions chart
(mm)


Similar Part No. - MVR14S471MG-S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR1206-101G LEIDITECH-MVR1206-101G Datasheet
862Kb / 5P
   Maximum allowable continuous DC voltage VDC 85.0 V
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
602Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
831Kb / 5P
   Maximum allowable continuous DC voltage VDC 9.0 V
MVR1206-160G LEIDITECH-MVR1206-160G Datasheet
752Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-180G LEIDITECH-MVR1206-180G Datasheet
590Kb / 5P
   Maximum allowable continuous DC voltage
More results

Similar Description - MVR14S471MG-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com