Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC03B102H39E2 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # TTC03B102H39E2
Description  NTC Thermistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TTC03B102H39E2 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  TTC03B102H39E2 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION TTC03B102H39E2 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B25/50
Value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
UL
Part No.
R25( )
( ±%)
(K)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
TTC
--005
5
2400
TTC
--010
10
2800
TTC
--015
15
2800
TTC
--020
20
2800
TTC
--025
25
2900
TTC
--045
45
3100
TTC
--050
50
3100
TTC
--060
60
3100
TTC
--085
85
3200
TTC
--090
90
3200
TTC
--101
100
3200
TTC
--121
120
3300
TTC
--151
150
3300
TTC
--201
200
3500
TTC
--221
220
3500
TTC
--251
250
3500
TTC
--301
300
3800
TTC
--471
470
3500
TTC
--501
500
3700
TTC
--681
680
3800
TTC
--701
700
3800
TTC
--102
1000
3800
TTC
--152
1500
3950
TTC
--202
2000
4000
TTC
--222
2200
4000
TTC
--252
2500
4000
TTC
--302
3000
4000
TTC
--332
3300
4000
TTC
--402
4000
4000
TTC
--472
4700
4050
TTC
--502
5000
3950
TTC
--602
6000
4050
TTC
--682
6800
4050
TTC
--802
8000
4050
TTC
--103
10000
4050
TTC
--123
12000
4050
TTC
--153
15000
4150
TTC
--203
20000
4250
TTC
--303
30000
4250
TTC
--473
47000
4300
TTC
--503
50000
4300
TTC
--104
100000
4400
TTC
--154
150000
4500
TTC
--204
200000
4600
TTC
--224
220000
4600
TTC
--474
470000
5
10
15
4750
450
Approx.
4.5
Approx.
20
-30~+125
Note :
= Tolerance of R25
MERITEK
NTC Thermistors
TTC Series


Similar Part No. - TTC03B102H39E2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC0001 TOSHIBA-TTC0001 Datasheet
186Kb / 5P
   Transistor Silicon NPN Triple Diffused Type
TTC0001 TOSHIBA-TTC0001 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTC0002 TOSHIBA-TTC0002 Datasheet
194Kb / 5P
   Transistor Silicon NPN Triple Diffused Type
TTC0002 TOSHIBA-TTC0002 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTC003 TOSHIBA-TTC003 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TTC03B102H39E2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com