Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4805 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4805
Description  30V Dual P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4805 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4805 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4805 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4805 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4805 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4805 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4805
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.7
-2.3
-2.8
V
ID(ON)
-50
A
10
15
m
12
18
TJ=125°C
13
20
29
m
gFS
27
S
VSD
-0.7
-1
V
IS
-2.5
A
Ciss
2060
2600
pF
Coss
370
pF
Crss
295
pF
Rg
1.2
2.4
3.6
Qg
30
39
nC
Qgs
4.6
nC
Qgd
10
nC
tD(on)
11
ns
tr
9.4
ns
tD(off)
24
ns
tf
12
ns
trr
30
40
ns
Qrr
22
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
RDS(ON)
Static Drain-Source On-Resistance
Body Diode Reverse Recovery Charge IF=-9A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-Off DelayTime
Zero Gate Voltage Drain Current
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VDS=-5V, ID=-9A
VGS=-4.5V, ID=-5A
VGS=-20V, ID=-9A
Forward Transconductance
IS=-1A,VGS=0V
Diode Forward Voltage
VGS=-10V, VDS=-15V, RL=1.67Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off Fall Time
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-9A
Gate Source Charge
Gate Drain Charge
m
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS=±25V
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-10V, ID=-8A
Reverse Transfer Capacitance
IF=-9A, dI/dt=100A/µs
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialTJ=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in
2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
Rev 7: December 2010
www.aosmd.com
Page 2 of 5


Similar Part No. - AO4805

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4805 AOSMD-AO4805 Datasheet
317Kb / 6P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4805 KEXIN-AO4805 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4805 VBSEMI-AO4805 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4805 DOINGTER-AO4805 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET uses advanced trench technology
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results

Similar Description - AO4805

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
   30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
   30V Dual P-Channel MOSFET
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.1: September 2019
logo
GOOD-ARK Electronics
SSF3637 GOOD-ARK-SSF3637 Datasheet
412Kb / 4P
   30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
   30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
   30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
   30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
   30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
   30V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com