Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4803A Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4803A
Description  30V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4803A Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4803A Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4803A Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4803A Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4803A Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4803A Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4803A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AO4803A
30V
Dual P-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=-10V)
-5A
RDS(ON) (at VGS=-10V)
< 46m
RDS(ON) (at VGS = -4.5V)
< 74m
100% UIS Tested
100% Rg Tested
Symbol
The AO4803A uses advanced trench technology to
provide excellent RDS(ON) with low gate charge. This
device is suitable for use as a load switch or in PWM
applications.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
-30V
G1
D
S1
G1
S1
G2
S2
D1
D1
D2
D2
2
4
5
1
3
8
6
7
Top View
SOIC-8
Top View
Bottom View
Pin1
G2
D
S2
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
1.3
TA=70°C
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Units
Parameter
Typ
Max
V
±20
Gate-Source Voltage
Drain-Source Voltage
-30
°C/W
RθJA
48
74
62.5
V
Maximum
Units
Parameter
A
ID
-5
-4
-30
mJ
14
A
17
TA=25°C
TA=70°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
Pulsed Drain Current
C
Continuous Drain
Current
TA=25°C
Avalanche Current
C
W
2
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
35
110
40
Maximum Junction-to-Ambient
A
G1
D
S1
G1
S1
G2
S2
D1
D1
D2
D2
2
4
5
1
3
8
6
7
Top View
SOIC-8
Top View
Bottom View
Pin1
G2
D
S2
Rev 2: Nov 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AO4803A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803A AOSMD-AO4803A Datasheet
115Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4803A KEXIN-AO4803A Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4803A VBSEMI-AO4803A Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4803A-HF KEXIN-AO4803A-HF Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
More results

Similar Description - AO4803A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
   30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
   30V Dual P-Channel MOSFET
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.1: September 2019
logo
GOOD-ARK Electronics
SSF3637 GOOD-ARK-SSF3637 Datasheet
412Kb / 4P
   30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
   30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
   30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
   30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
   30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
   30V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com