Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4706 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4706
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4706 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4706_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4706_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4706_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4706_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4706_10 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4706_10 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
31
40
59
75
RθJL
16
24
Pulsed Drain Current
B
100
TA=70°C
Continuous Drain
Current
AF
TA=25°C
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Gate-Source Voltage
Drain-Source Voltage
30
IDSM
16.5
Maximum Junction-to-Ambient
A
Steady-State
Power Dissipation
TA=25°C
PDSM
Junction and Storage Temperature Range
TA=70°C
Maximum
Units
Parameter
°C
-55 to 150
A
13.2
3.1
W
2.0
A
Avalanche Current
B
30
A
Repetitive avalanche energy L=0.3mH
B
135
mJ
AO4706
30V N-Channel MOSFET
Product Summary
VDS (V) = 30V
ID =16.5A (VGS = 10V)
RDS(ON) < 6.8mΩ (VGS = 10V)
RDS(ON) < 8.2mΩ (VGS = 4.5V)
100% UIS Tested
100% Rg Tested
General Description
SRFET
TM The AO4706 uses advanced trench
technology with a monolithically integrated Schottky
diode to provide excellent RDS(ON),and low gate
charge. This device is suitable for use as a low side
FET in SMPS, load switching and general purpose
applications.
SRFET TM
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
G
D
S
SRFET
TM
Soft Recovery MOSFET:
Integrated Schottky Diode
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4706_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4706 AOSMD-AO4706 Datasheet
479Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4706 KEXIN-AO4706 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4706_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com