Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4620 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4620
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4620 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4620 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4620 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AO4620
N-CHANNEL TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
25°
125°C
V
DS=5V
V
GS=4.5V
V
GS=10V
I
D=7.2A
25°C
125°
5V
6V
10
15
20
25
30
35
40
45
0
5
10
15
20
I
D (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
V
GS=4.5V
V
GS=10V
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.6
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=10V
Id=7.7A
V
GS=4.5V
Id=5A
10
20
30
40
50
60
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
I
D=7.7A
25°C
125°C
0
10
20
30
40
50
60
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=3.5V
4.5V
6V
10V
0
3
6
9
12
15
1.5
2
2.5
3
3.5
4
4.5
V
GS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
V
DS=5V
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4620

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4620 AOSMD-AO4620 Datasheet
144Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4620 KEXIN-AO4620 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4620 VBSEMI-AO4620 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4620-HF KEXIN-AO4620-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO4620

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com