Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE171 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJE171
Description  3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE171 Datasheet(HTML) 3 Page - Motorola, Inc

  MJE171 Datasheet HTML 1Page - Motorola, Inc MJE171 Datasheet HTML 2Page - Motorola, Inc MJE171 Datasheet HTML 3Page - Motorola, Inc MJE171 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJE171 MJE172 MJE181 MJE182
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
0.1
0.5
0.2
1.0
0.2
0.1
0.05
θJC(t) = r(t) θJC
θJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
Figure 4. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
0 (SINGLE PULSE)
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
30
2.0
5.0
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @
TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
Figure 5. MJE171, MJE172
500
µs
5.0 ms
dc
1.0
20
10
50
5.0
3.0
2.0
1.0
100
100
µs
TJ = 150°C
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
Figure 6. MJE181, MJE182
MJE171
MJE172
0.02
0.05
0.2
0.5
30
20
10
50
5.0
3.0
2.0
1.0
100
10
2.0
5.0
0.1
1.0
0.02
0.05
0.2
0.5
70
100
µs
500
µs
5.0 ms
dc
MJE181
MJE182
BONDING WIRE LIMITED
THERMALLY LIMITED @
TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
TJ = 150°C
7.0
ACTIVE–REGION SAFE OPERATING AREA
There are two limitations on the power handling ability of a
transistor — average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE lim-
its of the transistor that must be observed for reliable opera-
tion; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150_C; TC
is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
t 150 _C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperature, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
10K
IC, COLLECTOR CURRENT (AMPS)
10
5K
3K
2K
1K
500
300
200
100
50
Figure 7. Turn–Off Time
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
1
3
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
VR, REVERSE VOLTAGE (VOLTS)
10
50
70
100
30
Figure 8. Capacitance
50
20
10
5.0
3.0
2.0
1.0
0.5 0.7
TJ = 25°C
Cib
Cob
NPN MJE181/182
PNP MJE171/172
PNP MJE171/MJE172
NPN MJE181/MJE182
20
30
7.0


Similar Part No. - MJE171

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE171 MOSPEC-MJE171 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Jiangsu Changjiang Elec...
MJE171 JIANGSU-MJE171 Datasheet
687Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
ON Semiconductor
MJE171 ONSEMI-MJE171 Datasheet
172Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
SeCoS Halbleitertechnol...
MJE171 SECOS-MJE171 Datasheet
110Kb / 3P
   PNP General Purpose Transistor
logo
Fairchild Semiconductor
MJE171 FAIRCHILD-MJE171 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
More results

Similar Description - MJE171

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com