Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4614B Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4614B
Description  40V Dual P N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4614B Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4614B Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4614B Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AO4614B
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS: N-CHANNEL
9
12
0
2
4
6
8
10
0
2
4
6
8
10
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
0
10
20
30
40
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.01
0.1
1
10
100
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
TJ(Max)=150°C
TA=25°C
RDS(ON)
limited
VDS=20V
ID= 6A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=74°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10
µs
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4614B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B Datasheet
222Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4614B VBSEMI-AO4614B Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4614B-HF KEXIN-AO4614B-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4614BL AOSMD-AO4614BL Datasheet
222Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4614B

ManufacturerPart #DatasheetDescription
logo
Shenzhen hui lida elect...
HLD4025 HUILIDA-HLD4025 Datasheet
851Kb / 4P
   40V NP Dual Channel MOSFET
logo
TRINAMIC Motion Control...
TMC1420-LA TRINAMIC-TMC1420-LA Datasheet
1Mb / 12P
   Dual N & P-Channel 40V Power MOSFET
logo
First Silicon Co., Ltd
FTK4701 FS-FTK4701 Datasheet
1Mb / 6P
   40V NP Dual Channel MOSFETs
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6884 AOSMD-AON6884 Datasheet
250Kb / 6P
   40V Dual N-Channel MOSFET
AO4882 AOSMD-AO4882 Datasheet
349Kb / 5P
   40V Dual N-Channel MOSFET
AO4884 AOSMD-AO4884 Datasheet
203Kb / 6P
   40V Dual N-Channel MOSFET
AO4840 AOSMD-AO4840_11 Datasheet
316Kb / 5P
   40V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com