Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4606 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4606
Description  30V Complementary MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4606 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4606 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4606 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AO4606
N-Channel: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
2
4
6
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
500
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=15V
I
D=6A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note F)
T
A=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased
10
µs
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
µs
10ms
to-Ambient (Note F)
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
RθJA=90°C/W
T
on
T
P
D
Rev 10: April 2012
www.aosmd.com
Page 4 of 9


Similar Part No. - AO4606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4606 VBSEMI-AO4606 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4606 DOINGTER-AO4606 Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
   30V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AO4606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com