Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4459 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AO4459
Description  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4459 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AO4459_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4459_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4459_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4459_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4459_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4459_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AO4459
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
Vdd
Vgs
Id
Vgs
Vds
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
L
2
E
= 1/2 LI
AR
AR
BV
DSS
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Resistive Switching Test Circuit & Waveforms
Vgs
Vds
t
t
t
t
t
t
90%
10%
r
on
d(off)
f
off
d(on)
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
Vdd
Vgs
Id
Vgs
Rg
DUT
VDC
Vgs
Vds
Id
Vgs
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
L
2
E
= 1/2 LI
AR
AR
BV
DSS
I AR
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
dI/dt
RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
-Isd
-Vds
F
-I
-I
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Resistive Switching Test Circuit & Waveforms
Vgs
Vds
t
t
t
t
t
t
90%
10%
r
on
d(off)
f
off
d(on)
Rev 2: Nov 2011
www.aosmd.com
Page 6 of 6


Similar Part No. - AO4459_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4459-HF KEXIN-AO4459-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
AO4459DY KEXIN-AO4459DY Datasheet
467Kb / 5P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4459L AOSMD-AO4459L Datasheet
131Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4459_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com