Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7886BD Datasheet(PDF) 5 Page - Analog Devices

Part # AD7886BD
Description  LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7886BD Datasheet(HTML) 5 Page - Analog Devices

  AD7886BD Datasheet HTML 1Page - Analog Devices AD7886BD Datasheet HTML 2Page - Analog Devices AD7886BD Datasheet HTML 3Page - Analog Devices AD7886BD Datasheet HTML 4Page - Analog Devices AD7886BD Datasheet HTML 5Page - Analog Devices AD7886BD Datasheet HTML 6Page - Analog Devices AD7886BD Datasheet HTML 7Page - Analog Devices AD7886BD Datasheet HTML 8Page - Analog Devices AD7886BD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7886
–5–
REV. B
PIN CONFIGURATIONS
DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
(Not to Scale)
AD7886
DB7
DB6
DB5
DB4
DGND
DB3
DB2
DB1
DB0
V
DD
DB8
DB9
DB10
DB11
VSS
AGND
V
REF
SUM
+5REF
V
DD
VIN2
VIN1
AGND
V
SS
CS
RD
CONVST
BUSY
TERMINOLOGY
Unipolar Offset Error
The ideal first code transition should occur when the analog
input is 1 LSB above AGND. The deviation of the actual transi-
tion from that point is termed the offset error.
Bipolar Zero Error
The ideal midscale transition (i.e., 0111 1111 1111 to 1000
0000 0000) for the +5 V range should occur when the analog
input is at zero volts. Bipolar zero error is the deviation of the
actual transition from that point.
Gain Error
In the unipolar mode, gain error is measured with respect to the
first and last code transition points. The ideal difference be-
tween these points is FS–2 LSBs. For bipolar applications, the
gain error is measured from the midscale transition to both the
first and last code transitions. The ideal difference in this case is
FS/2–1 LSB. The gain error is defined as the deviation between
the ideal difference, given above, and the measured difference.
For the bipolar case, there are two gain errors; the figure in the
specification page represents the worst case. Ideal FS depends
on the +5REF input; for the 0 V to 5 V input, ideal FS = +5REF
and for the 0 V to 10 V and +5 V ranges, ideal FS = 2
× + 5REF.
CONVERTER DETAILS
The AD7886 is a triple-pass flash ADC that uses 15 compara-
tors in a 4-bit flash technique to perform the 12-bit conversion
procedure. Each of the 4096 quantization levels is realized inter-
nally with a precision resistor DAC.
The fifteen comparators first compare the analog input voltage
to the VREF/16 voltages of the resistor array. This determines the
four most significant bits and selects 1 out of 16 voltage seg-
ments. The comparators are then switched to 15 subvoltages on
that segment to determine the next four bits and select 1 out of
256 voltage segments. A further switching of the comparators to
another 15 subvoltages produces the complete 12-bit conversion
result. The 12 bits of data are then stored internally in a three-
state output latch.
REFERENCE INPUT
The AD7886 operates from a 3.5 V reference, which must be
provided at the VREF input. Two on-chip resistors for use with
an external amplifier can be used for deriving 3.5 V from stan-
dard 5 V references. Figure 2 shows an example with the AD586
which a is a high performance voltage reference exhibiting
excellent stability performance, 5 ppm/
°C max. The external
amplifier serves a second function of force/sensing the VREF
input. Force/sensing minimizes error contributions from
AD7886*
SUM
+5REF
TO DAC
+
AD586
V
OUT
+V
IN
GND
AGND
+V
+5V
R1
9k
R2
6.3k
C1
10
µF
C2
0.1
µF
AD707
V
REF
–3.5V
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 2. Typical Reference Circuitry
PLCC
DB11
AGND
SUM
+5REF
DB2
DB1
DB0
DGND
DB3
VSS
V
REF
V
DD
VDD
BUSY
AD7886
TOP VIEW
(Not to Scale)
5
6
7
8
9
10
11
28
27
26
1
2
3
4
25
24
23
22
21
20
19
12
13
14
15
16
17
18


Similar Part No. - AD7886BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
More results

Similar Description - AD7886BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
   LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com