Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ43A Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # SMBJ43A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMBJ43A Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SMBJ43A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMBJ43A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMBJ43A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMBJ43A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient
SMBJ Series
MERITEK
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
26.90
1
35.5
16.9
1
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
29.50
1
38.9
15.5
1
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
31.90
1
42.1
14.3
1
SMBJ28A
SMBJ28CA
MG
CG
28.0
31.10
34.40
1
45.4
13.3
1
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
36.80
1
48.4
12.4
1
SMBJ33A
SMBJ33CA
MM
CM
33.0
36.70
40.60
1
53.3
11.3
1
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.00
44.20
1
58.1
10.4
1
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.40
49.10
1
64.5
9.3
1
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.80
52.80
1
69.4
8.7
1
SMBJ45A
SMBJ45CA
MV
CV
45.0
50.00
55.30
1
72.7
8.3
1
SMBJ48A
SMBJ48CA
MX
CX
48.0
53.30
58.90
1
77.4
7.8
1
SMBJ51A
SMBJ51CA
MZ
CZ
51.0
56.70
62.70
1
82.4
7.3
1
SMBJ54A
SMBJ54CA
NE
DE
54.0
60.00
66.30
1
87.1
6.9
1
SMBJ58A
SMBJ58CA
NG
DG
58.0
64.40
71.20
1
93.6
6.5
1
SMBJ60A
SMBJ60CA
NK
DK
60.0
66.70
73.70
1
96.8
6.2
1
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.10
78.60
1
103.0
5.9
1
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
86.00
1
113.0
5.3
1
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
92.10
1
121.0
5.0
1
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
95.80
1
126.0
4.8
1
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
104.00
1
137.0
4.4
1
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
111.00
1
146.0
4.1
1
SMBJ100A
SMBJ100CA
NZ
DZ
100.0
111.00
123.00
1
162.0
3.7
1
SMBJ110A
SMBJ110CA
PE
EE
110.0
122.00
135.00
1
177.0
3.4
1
SMBJ120A
SMBJ120CA
PG
EG
120.0
133.00
147.00
1
193.0
3.1
1
SMBJ130A
SMBJ130CA
PK
EK
130.0
144.00
159.00
1
209.0
2.9
1
SMBJ150A
SMBJ150CA
PM
EM
150.0
167.00
185.00
1
243.0
2.5
1
SMBJ160A
SMBJ160CA
PP
EP
160.0
178.00
197.00
1
259.0
2.3
1
SMBJ170A
SMBJ170CA
PR
ER
170.0
189.00
209.00
1
275.0
2.2
1
SMBJ180A
SMBJ180CA
PT
ET
180.0
201.00
222.00
1
292.0
2.1
1
SMBJ190A
SMBJ190CA
PA
EC
190.0
209.00
243.20
1
308.0
2.0
1
SMBJ200A
SMBJ200CA
PV
EV
200.0
224.00
247.00
1
324.0
1.9
1
SMBJ210A
SMBJ210CA
PB
ED
210.0
231.00
268.80
1
340.0
1.8
1
SMBJ220A
SMBJ220CA
PX
EX
220. 0
246.00
272.00
1
356.0
1.7
1
SMBJ250A
SMBJ250CA
PZ
EZ
250.0
279.00
309.00
1
405.0
1.5
1
SMBJ300A
SMBJ300CA
QE
FE
300.0
335.00
371.00
1
486.0
1.3
1
SMBJ350A
SMBJ350CA
QG
FG
350.0
391.00
432.00
1
567.0
1.1
1
SMBJ400A
SMBJ400CA
QK
FK
400.0
447.00
494.00
1
648.0
0.9
1
SMBJ440A
SMBJ440CA
QM
FM
440.0
492.00
543.00
1
713.0
0.9
1
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7


Similar Part No. - SMBJ43A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ43A JGD-SMBJ43A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ43A SOCAY-SMBJ43A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Guangdong Juxing Electr...
SMBJ43A JUXING-SMBJ43A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
Littelfuse
SMBJ43A LITTELFUSE-SMBJ43A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Guangdong Juxing Electr...
SMBJ43A JUXING-SMBJ43A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMBJ43A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com