Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM5WVALUEK Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # SQM5WVALUEK
Description  Cement Wirewound Resistors (Radial Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SQM5WVALUEK Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SQM5WVALUEK Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SQM5WVALUEK Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SQM5WVALUEK Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SQM5WVALUEK Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SQM5WVALUEK Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION SQM5WVALUEK Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
 
 
Rev. 7
 
Cement Wirewound Resistors
(Axial Type)
MERITEK
SQP Series
FEATURES
 Heat and flame resistant
Complete insulation characteristics are suitable for printed circuit board applications.
For high resistance value, the winding core will be replaced by metal oxide film core
(RS type).
 Non-inductive type is available upon request.
 Tolerance: ±5% ±10%.
PART NUMBERING SYSTEM
SQP
5W
VALUE
J
RES. TOL. 5% / 10% = J / K
RESISTANCE 0R1 1R 100R
POWER RATING
MERITEK CEMENT WIREWOUND RESISTOR SERIES
(Bulk only)
SPECIFICATIONS
SQP
Dimension (mm)
Value Range
Max Working
Voltage
L
H
D
D1
d
Wirewound
Metal Oxide
2W
18.0
32.0 ±3
7.0
7.0
0.65±0.03
0.1Ω~50Ω
51Ω~20KΩ
150V
3W
22.0
32.0 ±3
8.0
8.0
0.8±0.03
0.1Ω~50Ω
51Ω~33KΩ
300V
5W
22.0
32.0 ±3
9.5
9.0
0.8±0.03
0.1Ω~50Ω
51Ω~50KΩ
350V
7W
35.0
32.0 ±3
9.5
9.0
0.8±0.03
0.1Ω~100Ω
101Ω~50KΩ
500V
10W
48.0
32.0 ±3
9.5
9.0
0.8±0.03
0.1Ω~100Ω
101Ω~50KΩ
500V
15W
48.0
32.0 ±3
12.5
12.0
0.8±0.03
0.1Ω~100Ω
101Ω~150KΩ
500V
20W
60.0
32.0 ±3
14.0
13.0
0.8±0.03
0.1Ω~100Ω
101Ω~150KΩ
500V
25W
60.0
32.0 ±3
14.0
13.0
0.8±0.03
0.1Ω~100Ω
101Ω~150KΩ
1000V
30W
77.0
32.0 ±3
18.0
17.0
0.8±0.03
0.1Ω~500Ω
1000V
40W
90.0
32.0 ±3
19.0
18.0
0.8±0.03
0.1Ω~500Ω
1000V
1. Resistance ranges listed above are standard parts, resistance below or over this range is available upon request.
2. Non-inductive type available up to 20 ohms.


Similar Part No. - SQM5WVALUEK

ManufacturerPart #DatasheetDescription
logo
RFE international
SQM5W RFE-SQM5W Datasheet
459Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.30
logo
Token Electronics Indus...
SQM5W0R1J TOKEN-SQM5W0R1J Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
SQM5W100KJ TOKEN-SQM5W100KJ Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
SQM5W100RJ TOKEN-SQM5W100RJ Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
SQM5W1KJ TOKEN-SQM5W1KJ Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
More results

Similar Description - SQM5WVALUEK

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
   Cement Coated Wirewound Resistors
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
   Cement Coated Wirewound Resistors
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
   General Purpose Cement Coated Wirewound Resistors
WA80Z WELWYN-WA80Z Datasheet
434Kb / 3P
   Cement Coated Surface Mount Wirewound Resistors
logo
Vishay Siliconix
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
   Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
WSZ VISHAY-WSZ_15 Datasheet
102Kb / 3P
   Wirewound Resistors, Surface Mount,Silicone or Cement Coated, High Power
Revision: 02-Apr-14
WSZ7532 VISHAY-WSZ7532 Datasheet
86Kb / 3P
   Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
logo
RFE international
SQHG RFE-SQHG Datasheet
467Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com