Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC08N8R2M502 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MSC08N8R2M502
Description  Safety Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSC08N8R2M502 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MSC08N8R2M502 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSC08N8R2M502 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSC08N8R2M502 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSC08N8R2M502 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MERITEK
Safety Chip Capacitors
MSC Series
(X1Y2/X2Y3)
UL No. E
FEATURES
High reliability and stability
Small size and high capacitance
RoHS compliant
Safety standard approval by UL60950
MERITEK MSC series safety Chip Capacitors are
designed for surge or lightning protection in
across the line and line bypass applications,
such as telephone, computer network, modem,
and other electronic equipments.
SPECIFICATIONS
Dielectric
NP0
X7R
Size
1808, 1812
1808, 1812, 2211
Rated voltage (WVDC)
250Vac
250Vac
X1Y2 Class
3pF ~ 470pF
X1Y2 Class
100pF ~ 2200pF
Capacitance range*
X2Y3 Class
3pF ~ 1000pF
X2Y3 Class
150pF ~ 4700pF
Capacitance tolerance
Cap”5pF
: B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF
: C (±0.25pF), D (±0.5pF)
Cap•10pF
: F (±1%), G (±2%), J (±5%),
K (±10%)
J (±5%), K (±10%), M (±20%)
Tan *
Cap<30pF
: D.F”1/(400+20C)
Cap•30pF
: D.F”0.10%
”2.5%
Insulation resistance at 500Vdc for 60 seconds
•100G
or R
·C•1000 whichever is smaller
•10G
or R
·C•500 -F whichever is smaller
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm /
±15%
Termination
Ag/Ni/Sn (lead-free termination)
* NP0: Apply 1.0±0.2Vrms, 1.0MHz±10%, at 25°C ambient temperature
X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C ambient temperature.
PART NUMBERING SYSTEM
MSC
X
101
K
3
Dielectric
CODE
1
X
Capacitance
CODE
8R2
101
102
pF8.2
100
1000
1500
nF
--
.11
1.5
μF
--
0.0001
0.001
0.0015
Tolerance
Code
Tolerance
Code
Tolerance
Code
Tolerance
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80/-20%
Rated Voltage
Code
302
502
X2Y3
X1Y2

Meritek Series
08
12
1808
1812
2211
Code
21
X7R
NPO
Size
152
1
Rev 7


Similar Part No. - MSC08N8R2M502

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
   1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
   Silicon Carbide N-Channel Power MOSFET
logo
Inchange Semiconductor ...
MSC080SMA120J ISC-MSC080SMA120J Datasheet
576Kb / 3P
   SiC N-Channel MOSFET
More results

Similar Description - MSC08N8R2M502

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA342D MURATA1-GA342D Datasheet
205Kb / 1P
   MURATA Safety Rated Ceramic Chip Capacitors
2012
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX222MA5BA01 MURATA1-DE1E3KX222MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX471KN5A MURATA1-DE1B3KX471KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MN5AA01 MURATA1-DE1E3KX152MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX102MN5AA01 MURATA1-DE1E3KX102MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com