Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ15A Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SMBJ15A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMBJ15A Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SMBJ15A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMBJ15A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMBJ15A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMBJ15A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Peak Pulse Power Dissipation on 10/1000 s waveform
. (Note 1, Note 2, Fig. 1)
PPPM
Minimum
600
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1 Fig. 3)
IPPM
See Table
Amps
Steady State Power Dissipation at TL =75
Lead length .375” (9.5mm)
.
(
Note 2, Fig. 5)
PM(AV)
5.0
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed
on Rated Load
. (JEDEC Method) (Note 3, Fig. 6)
IFSM
100
Amps
Operating junction and Storage Temperature Range
.
TJ ,TSTG
-
65 to +150
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
MAXIMUM RATINGS CHARACTERISTICS
For surface mounted applications in order to optimize board space.
Low profile package.
Built-in strain relief.
Glass passivated junction.
Low inductance.
Excellent clamping capability.
Repetition Rate (duty cycle): 0.01%.
Fast response time: typically less than 1.0ps from 0
volt to BV for Unidirectional types.
Typical IR less than 1μA above 10V.
High Temperature soldering: 260°C/10 seconds at terminals.
Plastic package has Underwriters Laboratory Flammability 94V-O.
SM
B/DO-214AA
Case: JEDEC DO
-214AA. Molded plastic over glass passivated junction.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026.
Polarity: Color band
denotes cathode except Bidirectional.
Standard Packaging: 12mm tape (EIA STD RS-481).
Weight: 0.00
3 ounce, 0.093 grams.
For
Bidirectional use C or CA suffix for type SMBJ5.0 through type SMBJ440 (e.g. SMBJ5.0CA, SMBJ440CA);
Electrical characteristics apply in both directions.
Ratings at 25
ambient temperature unless otherwise specified.
Transient
SMBJ Series
MERITEK
RATING
SYMBOL
VALUE
UNIT
Notes: 1. Non-repetitive current pulse, per Fig.
3 and derated above TA = 25 per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4pulses per minute maximum.
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - SMBJ15A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ15A JGD-SMBJ15A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ15A SOCAY-SMBJ15A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ15A LITTELFUSE-SMBJ15A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
HuaXinAn Electronics CO...
SMBJ15A HUAXINAN-SMBJ15A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMBJ15A VISHAY-SMBJ15A Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
More results

Similar Description - SMBJ15A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com