Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ17A Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SMAJ17A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMAJ17A Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SMAJ17A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMAJ17A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMAJ17A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMAJ17A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient
SMAJ Series
MERITEK
t
s
T1
d
T
D1 D
L
Cathode Band
SMA/DO-214AC
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
3.99
4.50
0.157
0.177
D
2.54
2.79
0.100
0.110
D1
1.25
1.65
0.049
0.065
T
4.93
5.28
0.194
0.208
T1
0.78
1.52
0.030
0.060
d
-
0.203
-
0.008
s
1.98
2.29
0.078
0.090
t
0.152
0.305
0.006
0.012
PACKAGE DIMENSIONS
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
8.0
1
13.6
44.2
50
AX
WX
10.0
11.10
12.30
1
17.0
23.5
1
AZ
WZ
11.0
12.20
13.50
1
18.2
22.0
1
BE
XE
12.0
13.30
14.70
1
19.9
20.1
1
BG
XG
13.0
14.40
15.90
1
21.5
18.6
1
BK
XK
14.0
15.60
17.20
1
23.2
17.2
1
BM
XM
15.0
16.70
18.50
1
24.4
16.4
1
BP
XP
16.0
17.80
19.70
1
26.0
15.4
1
BR
XR
17.0
18.90
20.90
1
27.6
14.5
1
BT
XT
18.0
20.00
22.10
1
29.2
13.7
1
BV
XV
20.0
22.20
24.50
1
32.4
12.3
1
1
13.6
29.4
50
SMAJ5.0A
SMAJ5.0CA
AE
WE
SMAJ6.0A
SMAJ6.0CA
AG
WG
SMAJ6.5A
SMAJ6.5CA
AK
WK
SMAJ7.0A
SMAJ7.0CA
AM
WM
SMAJ7.5A
SMAJ7.5CA
AP
WP
SMAJ8.0A
SMAJ8.0CA
AR
WR
SMAJ8.5A
SMAJ8.5CA
AT
WT
SMAJ9.0A
SMAJ9.0CA
AV
WV
SMAJ10A
SMAJ10CA
SMAJ11A
SMAJ11CA
SMAJ12A
SMAJ12CA
SMAJ13A
SMAJ13CA
SMAJ14A
SMAJ14CA
SMAJ15A
SMAJ15CA
SMAJ16A
SMAJ16CA
SMAJ17A
SMAJ17CA
SMAJ18A
SMAJ18CA
SMAJ20A
SMAJ20CA
5.0
6.40
7.00
10
9.2
43.5
800
6.0
6.67
7.37
10
10.3
38.8
800
6.5
7.22
7.98
10
11.2
35.7
500
7.0
7.78
8.60
10
12.0
33.3
200
7.5
8.33
9.21
1
12.9
31.0
100
8.5
9.44
10.40
1
14.4
27.8
20
9.0
10.00
11.10
1
15.4
26.0
10
8.89
9.83
SPECIFICATIONS
2
Rev 7


Similar Part No. - SMAJ17A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ17A VISHAY-SMAJ17A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ17A YANGJIE-SMAJ17A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
More results

Similar Description - SMAJ17A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com