Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15CG223M101PR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RD15CG223M101PR
Description  Radial Leaded, Epoxy Dipped, Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RD15CG223M101PR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RD15CG223M101PR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RD15CG223M101PR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERITEK Radial Leaded, Epoxy Dipped Multilayer Ceramic
Capacitors are constructed with a moisture and shock resistant
epoxy coating, and can be supplied in bulk or tape and reel
packaging for automatic insertion in printed circuit boards. They
have a wide range of applications in computers, data processors,
telecommunication,
industrial
controls
and
instrumentation
equipment, etc.
PART NUMBERING SYSTEM
RD
15
YV
104
Z
500
RR
Meritek Series
Size
Dielectric
CODE
CG
XR
YV
NPO
X7R
Capacitance Code
CODE
101
223
104
(pF)
100
22000
100000
(
μF)
-
---0.022
0.
1
Tolerance
CODE
J
K
M
Z
± 5%
±10%
±20%
+80% to –20%
Rated Voltage
CODE
500
101
201
50V
100V
200V
Packaging
CODE
Blank
RR
Bulk
Radial Leaded, Reel
Package
MERITEK
Radial Leaded, Epoxy Dipped,
Multilayer Ceramic Capacitors
RD Series
4.06
(.160)max.
1.50(.060)
max.
3.81(.150)
max
25.4(1.00)
max
5.08
(.200)max.
1.50(.060)
max.
5.08(.200)
max
25.4(1.00)
max
7.60
(.300)max.
7.60(.300)
max.
1.50(.060)
max.
25.4(1.00)
max
4.06
(.160)max.
7.60(.300)
max.
3.81max.
(.150)
25.4(1.00)
max
5.08
(.200)max.
7.60(.300)
max.
5.08max.
(.200)
25.4(1.00)
max
Lead Spacing
Size Code and Dimensions in mm (inches)
RD15
RD30
RD16
RD21
RD20
2.5 + 0.8
(.10 + 0.032)
5.0 + 0.8
(.20 + 0.032)
5.0 + 0.8
(.20 + 0.032)
Lead length can be cut upon customer's request.
Standard cut lead lengths are: 3.3 + 0.8(.13 + .03)
10.0 + 2.0(.39 + .08)
6.0 + 1.0(.24 + .04)
Special lead styles available upon request.
Y5V
Specifications are subject to change without notice.
rev.6a


Similar Part No. - RD15CG223M101PR

ManufacturerPart #DatasheetDescription
logo
NEC
RD150E NEC-RD150E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB NEC-RD150EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD150EB SEMTECH_ELEC-RD150EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD150EB1 NEC-RD150EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB2 NEC-RD150EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD15CG223M101PR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com