Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE47CA Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # P6KE47CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P6KE47CA Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  P6KE47CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P6KE47CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P6KE47CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P6KE47CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient
P6KE Series
MERITEK
L
LT
d
s
DIA.
DIA.
DO-20
4AC/DO-15
PACKAGE DIMENSIONS
SPECIFICATIONS
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
5.80
7.60
0.230
0.300
d
2.60
3.60
0.104
0.140
s
0.71
0.86
0.028
0.034
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6KE10A
P6KE10CA
8.55
9.50
10.50
1
14.5
42.1
10
P6KE11A
P6KE11CA
9.40
10.50
11.60
1
15.6
39.1
5
P6KE12A
P6KE12CA
10.20
11.40
12.60
1
16.7
36.5
5
P6KE13A
P6KE13CA
11.10
12.40
13.70
1
18.2
33.5
1
P6KE15A
P6KE15CA
12.80
14.30
15.80
1
21.2
28.8
1
P6KE16A
P6KE16CA
13.60
15.20
16.80
1
22.5
27.1
1
P6KE18A
P6KE18CA
15.30
17.10
18.90
1
25.2
24.2
1
P6KE20A
P6KE20CA
17.10
19.00
21.00
1
27.7
22.0
1
P6KE22A
P6KE22CA
18.80
20.90
23.10
1
30.6
19.9
1
P6KE24A
P6KE24CA
20.50
22.80
25.20
1
33.2
18.4
1
P6KE27A
P6KE27CA
23.10
25.70
28.40
1
37.5
16.3
1
2
Rev 7


Similar Part No. - P6KE47CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE47CA SUNMATE-P6KE47CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE47CA PANJIT-P6KE47CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE47CA YANGJIE-P6KE47CA Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diodes Incorporated
P6KE47CA DIODES-P6KE47CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Ruilongyuan Electronics...
P6KE47CA RUILON-P6KE47CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE47CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com