Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEI104K2GTR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEI104K2GTR
Description  Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEI104K2GTR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEI104K2GTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RatedVoltage
50VDC/100VDC
250VDC
400VDC
DIM.
CAP(
μF)
W
H
T
P± 1
W
H
T
P± 1
W
H
T
P± 1
0.0010
6.0
11.0
4.0
3.5
0.5
6.0
11.0
4.0
3.5
0.5
7.0
11.5
4.0
4.0
0.5
0.0012
6.0
11.0
4.0
3.5
0.5
6.0
11.0
4.0
3.5
0.5
7.2
12.0
4.0
4.0
0.5
0.0015
6.0
11.0
4.0
3.5
0.5
6.0
11.0
4.0
3.5
0.5
7.2
12.0
4.0
4.0
0.5
0.0018
6.0
11.0
4.0
3.5
0.5
6.0
11.0
4.0
3.5
0.5
7.5
12.5
4.0
4.0
0.5
0.0022
6.0
11.0
4.0
3.5
0.5
6.0
11.0
4.0
3.5
0.5
7.5
12.5
4.0
4.0
0.5
0.0027
7.0
11.0
4.0
3.5
0.5
7.0
11.0
4.0
3.5
0.5
8.0
13.0
4.5
6.0
0.5
0.0033
7.0
11.0
4.0
3.5
0.5
7.0
11.0
4.0
3.5
0.5
8.0
13.0
4.5
6.0
0.5
0.0039
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
4.0
0.5
9.0
14.0
5.0
6.0
0.5
0.0047
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
4.0
0.5
9.0
14.0
5.0
6.0
0.5
0.0056
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
4.0
0.5
9.5
14.0
5.5
6.0
0.5
0.0068
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
4.0
0.5
9.5
14.0
5.5
6.0
0.5
0.0082
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
4.0
0.5
10.5
15.0
6.7
7.0
0.5
0.010
7.0
11.0
4.0
4.0
0.5
7.0
11.0
4.0
5.0
0.5
10.5
15.0
6.7
7.0
0.5
0.012
7.0
11.0
4.0
4.0
0.5
8.0
13.5
4.5
5.0
0.5
12.0
15.5
8.0
7.0
0.5
0.015
8.0
11.0
4.0
4.0
0.5
8.0
13.5
4.5
5.0
0.5
12.0
15.5
8.0
7.0
0.5
0.018
8.0
11.0
4.0
4.0
0.5
9.0
14.0
6.0
6.5
0.5
12.0
18.5
8.0
7.0
0.6
0.022
8.0
12.0
4.0
5.0
0.5
9.0
14.0
6.0
6.5
0.5
12.0
18.5
8.0
7.0
0.6
0.027
8.0
12.0
4.0
5.0
0.5
10.0
15.0
6.5
6.5
0.5
13.5
21.0
8.0
9.0
0.6
0.033
9.0
13.0
4.5
5.5
0.5
10.0
15.0
6.5
6.5
0.5
13.5
21.0
8.0
9.0
0.6
0.039
9.0
13.0
5.0
6.0
0.5
12.5
17.5
8.5
6.5
0.6
15.5
22.0
9.5
9.0
0.6
0.047
10.0
13.0
5.0
6.0
0.5
12.5
17.5
8.5
6.5
0.6
15.5
22.0
9.5
9.0
0.6
0.056
10.0
13.5
5.5
6.0
0.5
13.8
21.0
8.5
7.5
0.6
17.5
23.5
11.5
9.0
0.6
0.068
10.0
13.5
6.0
6.5
0.5
13.8
21.0
8.5
7.5
0.6
17.5
23.5
11.5
9.0
0.6
0.082
11.0
13.5
6.0
7.0
0.5
16.0
22.0
9.5
8.5
0.6
19.0
24.5
11.0
11.5
0.6
0.10
11.0
14.0
6.5
7.5
0.5
16.0
22.0
9.5
8.5
0.6
19.0
24.5
11.0
11.5
0.6
0.12
13.0
14.0
6.5
9.0
0.6
0.15
13.0
15.0
7.0
9.0
0.6
0.18
14.0
16.0
7.0
9.5
0.6
0.22
14.0
17.0
7.5
9.5
0.6
0.27
15.0
17.0
9.0
9.5
0.6
0.33
16.5
19.0
9.5
10.0
0.6
0.39
17.0
20.0
10.5
10.0
0.6
0.47
17.0
21.0
11.0
10.0
0.6
MERITEK
Polyester
Film Capacitors
PEI Series
(Inductive)
FEATURES
High moisture resistance
Good solderability
Available on tape and reel for automatic insertion
ESR is minimized
SPECIFICATIONS
1. Operating temperature:
-40
oC to +105oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 100VDC, 250VDC, 400VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>20000M
Ω (C ≤ 0.1μF)
>2000M
Ω
μF (C > 0.1 μF)
PART NUMBERING SYSTEM
PEI
153
J
2A
TA
Meritek Series
Capacitance
CODE
102
103
104
105
(pF )
1,000
10,000
100,000
( nF )
1
10
100
1000
(
μF )
0.001
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
2A
2E
2G
50V
100V
250V
400V
Packaging
CODE
Blank
TR
TA
Bulk
Tape & Reel
Tape & Ammo
PEI are constructed with polyester film dielectric,
aluminum foil electrodes, tinned copper leads, and
an inductive epoxy resin coating. They are suitable
for signal coupling, circuit isolation, bypassing, and
filtering and other applications. PEI are ideal for use
in
televisions,
radio,
tape
recorders,
stereo
equipment, and other electronic devices.
1.5
Specifications are subject to change without notice.
rev.6a


Similar Part No. - PEI104K2GTR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PEIM MERITEK-PEIM Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
PEIM102J1H MERITEK-PEIM102J1H Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
PEIM102J2A MERITEK-PEIM102J2A Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
PEIM102K1H MERITEK-PEIM102K1H Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
PEIM102K2A MERITEK-PEIM102K2A Datasheet
118Kb / 1P
   Miniature Polyester Film Capacitors
More results

Similar Description - PEI104K2GTR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com