Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73
Description  Precision Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  RN73 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
 
Environmental Characteristics
 
Item
Requirement
Test Method
Tol. ≦ 0.05%
Tol. > 0.05%
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
MIL-STD-202F Method 304
+25/-55/+25/+125/+25
C
Short Time Overload
∆R±0.05%
∆R±0.2%
JIS-C-5201-1 5.5
RCWV*2.5 or Max. overload voltage for 5
seconds
∆R±0.2% for high power rating
Insulation Resistance
>1000 MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1 minute
Endurance
∆R±0.05%
∆R±0.2%
MIL-STD-202F Method 108A
70
2C, Max. working voltage for 1000 hrs with
1.5 hrs “ON” and 0.5 hrs “OFF”
>7kΩ ∆R±0.5%
∆R±0.5% for high power rating
Damp Heat with Load
∆R±0.05%
∆R±0.3%
MIL-STD-202F Method 103B
40
2C, 90~95% R.H. Max. working voltage for
1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
∆R±0.5% for high power rating
Bending Strength
∆R±0.05%
∆R±0.2%
JIS-C-5201-1 6.1.4
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
MIL-STD-202F Method 208H
245
5C for 3 seconds
Resistance to Soldering Heat
∆R±0.05%
∆R±0.2%
MIL-STD-202F Method 210E
260±5
C for 10 seconds
Dielectric Withstand Voltage
By Type
MIL-STD-202F Method 301
Max. overload voltage for 1 minute
Thermal Shock
∆R±0.05%
∆R±0.25%
MIL-STD-202F Method 107G
-55
C ~150C, 100 cycles
Low Temperature Operation
∆R±0.05%
∆R±0.2%
JIS-C-5201-1 7.1
1 hour, -65
C, followed by 45 minutes of RCWV
∆R±0.5% for high power rating
 
Storage Temperature: 25±3
C; Humidity < 80%RH
 
Derating Curve
 
 
 
 
 
 
 
 
 
Reflow
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)


Similar Part No. - RN73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73 ETC-RN73 Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
logo
KOA Speer Electronics, ...
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
logo
TE Connectivity Ltd
RN73 TEC-RN73 Datasheet
302Kb / 8P
   electroplated 100% matte
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN731E KOA-RN731E Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
More results

Similar Description - RN73

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com