Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REW10V101MTR5X11 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # REW10V101MTR5X11
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REW10V101MTR5X11 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  REW10V101MTR5X11 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REW10V101MTR5X11 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REW10V101MTR5X11 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION REW10V101MTR5X11 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION REW10V101MTR5X11 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REW Series
(Low Impedance, Miniature Sized)
FEATURES
 Smaller case sizes than RE series.
 Lower impedance at high frequency and high ripple current.
 Suitable for output of motherboard and switching power supplies.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 55 ~ +105
C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.01CV or 3 (uA)
*Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
tan
0.22
0.19
0.16
0.14
0.12
0.10
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3~16
25~50
-25
C / +20C
3
2
-55
C / +20C
6
4
Load Life
After hours application (
D ≤8mm 1000hrs, D ≥10mm 2000hrs) of W.V. and +105C ripple
current value , the capacitor shall meet the following limits. ( DC + ripple peak voltage
 rated
working voltage )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours the capacitor shall meet the limits for load life
characteristics.
( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
a
1.5
1.5
1.5
1.5
1.5
1.5
1.5
REW 10V 101 M TA 5x11
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Description - REW10V101MTR5X11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com