Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7868AN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7868AN
Description  LC2MOS Complete, 12-Bit Analog I/O System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7868AN Datasheet(HTML) 1 Page - Analog Devices

  AD7868AN Datasheet HTML 1Page - Analog Devices AD7868AN Datasheet HTML 2Page - Analog Devices AD7868AN Datasheet HTML 3Page - Analog Devices AD7868AN Datasheet HTML 4Page - Analog Devices AD7868AN Datasheet HTML 5Page - Analog Devices AD7868AN Datasheet HTML 6Page - Analog Devices AD7868AN Datasheet HTML 7Page - Analog Devices AD7868AN Datasheet HTML 8Page - Analog Devices AD7868AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Complete, 12-Bit Analog I/O System
AD7868
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
RO DAC
RI DAC
DGND
AD7868
R
R
RO ADC
AGND
CLOCK
R
R
12-BIT
DAC
DAC SERIAL
INTERFACE
ADC SERIAL
INTERFACE
12-BIT
ADC
DAC 3V
REFERENCE
ADC 3V
REFERENCE
TRACK/HOLD
VIN
VOUT
LDAC
TFS
TCLK
DT
CONTROL
RFS
RCLK
DR
CLK
CONVST
VDD
VSS
FEATURES
Complete 12-Bit I/O System, Comprising:
12-Bit ADC with Track/Hold Amplifier
83 kHz Throughout Rate
72 dB SNR
12-Bit DAC with Output Amplifier
3
s Settling Time
72 dB SNR
On-Chip Voltage Reference
Operates from
5 V Supplies
Low Power – 130 mW typ
Small 0.3" Wide DIP
APPLICATIONS
Digital Signal Processing
Speech Recognition and Synthesis
Spectrum Analysis
High Speed Modems
DSP Servo Control
GENERAL DESCRIPTION
The AD7868 is a complete 12-bit I/O system containing a DAC
and an ADC . The ADC is a successive approximation type
with a track-and-hold amplifier having a combined throughput
rate of 83 kHz. The DAC has an output buffer amplifier with a
settling time of 3
µs to 12 bits. Temperature compensated 3 V
buried Zener references provide precision references for the
DAC and ADC.
Interfacing to both the DAC and ADC is serial, minimizing pin
count and giving a small 24-pin package size. Standard control
signals allow serial interfacing to most DSP machines. Asyn-
chronous ADC conversion control and DAC updating is made
possible with the CONVST and LDAC logic inputs.
The AD7868 operates from
±5 V power supplies, the analog in-
put/output range of the ADC/DAC is
±3 V. The part is fully
specified for dynamic parameters such as signal-to-noise ratio
and harmonic distortion as well as traditional dc specifications.
The part is available in a 24-pin, 0.3" wide, plastic or hermetic
dual-in-line package (DIP) and in a 28-pin, plastic SOIC
package.
PRODUCT HIGHLIGHTS
1. Complete 12-Bit I/O System.
The AD7868 contains a 12-bit ADC with a track-and-hold
amplifier and a 12-bit DAC with output amplifier. Also
included are separate on-chip voltage references for the DAC
and the ADC.
2. Dynamic Specifications for DSP Users.
In addition to traditional dc specifications, the AD7868 is
specified for ac parameters including signal-to-noise ratio
and harmonic distortion. These parameters along with im-
portant timing parameters are tested on every device.
3. Small Package.
The AD7868 is available in a 24-pin DIP and a 28-pin SOIC
package.


Similar Part No. - AD7868AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
   LC MOS Complete, 12-Bit Analog I/O System
REV. B
More results

Similar Description - AD7868AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
   LC MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
   LC MOS Complete, 14-Bit Analog I/O System
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com