Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-ASP1132MS Datasheet(PDF) 2 Page - Samtec, Inc

Part # CT-ASP1132MS
Description  VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CT-ASP1132MS Datasheet(HTML) 2 Page - Samtec, Inc

  CT-ASP1132MS Datasheet HTML 1Page - Samtec, Inc CT-ASP1132MS Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.9000 22.860
.2500 6.350
'C'
RECOMMENDED BOARD LAYOUT
01
19
.0100 0.254
TRACE
.0200 0.508
PAD
.0100 0.254
VIA (PLATED)
.0250 0.635
PAD
.0310 0.787
FREE OF SOLDER MASK
.0250 0.635
45°
DETAIL 'C'
SCALE 12 : 1
.900 22.86
.050 1.27
(TYP)
.250 6.35
.050 1.27
(TYP)
.0250 0.635
(TYP)
01
19
RECOMMENDED STENCIL LAYOUT
STENCIL TO BE .0060[0.152] THICK
NOTE:
OUTER ROWS MAY NOT NEED VIAS - THIS IS LEFT TO
THE DISCRETION OF THE BOARD DESIGNER.
A
B
C
D
E
F
A
B
C
D
E
F
SHEET OF
VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-04
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
RRC
10/13/06
2
2
SHEET SCALE: 4:1
F:\DWG\MISC\MKTG\ASP-103612-04-MKT.SLDDRW
REVISION H
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322


Similar Part No. - CT-ASP1132MS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
CT-ASP1132MS SAMTEC-CT-ASP1132MS Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
CT-ASP1132MS SAMTEC-CT-ASP1132MS Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
CT-ASP1132MS SAMTEC-CT-ASP1132MS Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - CT-ASP1132MS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-103612-02 SAMTEC-ASP-103612-02 Datasheet
719Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-03 SAMTEC-ASP-103612-03 Datasheet
400Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-05 SAMTEC-ASP-103612-05 Datasheet
721Kb / 2P
   VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103612-01 SAMTEC-ASP-103612-01 Datasheet
478Kb / 2P
   VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
   CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
logo
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
   42 mAh Mercury Free
logo
Japan Aviation Electron...
KN01L42SM JAE-KN01L42SM Datasheet
49Kb / 3P
   CONN SOCKET INSULATOR BLOCK, 42
logo
Molex Electronics Ltd.
0475968811 MOLEX6-0475968811 Datasheet
111Kb / 2P
   LGA 1156 ILM Assembly with Shepherd Hook, Lead-free, Halogen-free
0475968841 MOLEX6-0475968841 Datasheet
110Kb / 2P
   LGA 1156 ILM Assembly with Straight Lever, Lead-free, Halogen-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com