Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


K-850-650 Datasheet(PDF) 2 Page - Samtec, Inc

Part No. K-850-650
Description  VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

   
 2 page
background image
.9000 22.860
.2500 6.350
'C'
RECOMMENDED BOARD LAYOUT
01
19
.0100 0.254
TRACE
.0200 0.508
PAD
.0100 0.254
VIA (PLATED)
.0250 0.635
PAD
.0310 0.787
FREE OF SOLDER MASK
.0250 0.635
45°
DETAIL 'C'
SCALE 12 : 1
.900 22.86
.050 1.27
(TYP)
.250 6.35
.050 1.27
(TYP)
.0250 0.635
(TYP)
01
19
RECOMMENDED STENCIL LAYOUT
STENCIL TO BE .0060[0.152] THICK
NOTE:
OUTER ROWS MAY NOT NEED VIAS - THIS IS LEFT TO
THE DISCRETION OF THE BOARD DESIGNER.
A
B
C
D
E
F
A
B
C
D
E
F
SHEET OF
VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-04
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
RRC
10/13/06
2
2
SHEET SCALE: 4:1
F:\DWG\MISC\MKTG\ASP-103612-04-MKT.SLDDRW
REVISION H
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl