Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVR10D471KQ-S Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR10D471KQ-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR10D471KQ-S Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button MVR10D471KQ-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MVR10D471KQ-S Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Dimensions:
T Thickness (max)
(Unit:mm)
Part Code
05D
07D
10D
14D
20D
25D
32D
34S
53D
180K
4.5
4.5
4.6
4.6
4.8
220K
4.6
4.6
4.7
4.7
4.9
270K
4.7
4.7
4.8
4.8
5.
330K
4.9
4.9
5.0
5.0
5.
390K
4.8
4.8
5.3
5.3
5.5
470K
4.9
4.9
5.4
5.4
5.6
560K
5.0
5.0
5.5
5.5
5.7
680K
5.2
5.2
5.6
5.6
5.8
820K
4.1
4.1
4.7
4.7
4.9
101K
4.3
4.3
4.9
4.9
5.1
121K
4.5
4.5
5.1
5.1
5.3
151K
4.8
4.8
5.4
5.4
5.6
181K
4.3
4.3
4.8
4.8
5.0
201K
4.4
4.4
5.0
5.0
5.2
5.4
6.2
6.4
6.3
221K
4.5
4.5
5.1
5.1
5.3
5.5
6.3
6.6
6.4
241K
4.6
4.6
5.2
5.2
5.4
5.6
6.4
6.7
6.5
271K
4.9
4.9
5.4
5.4
5.6
5.8
6.6
6.9
6.7
301K
5.0
5.0
5.5
5.5
5.7
5.9
6.8
7.1
6.8
331K
5.1
5.1
5.8
5.8
6.0
6.1
6.9
7.3
7.0
361K
5.2
5.2
6.0
6.0
6.2
6.
7.
7.6
7.2
D
MAX
H
MAX
H0
MAX
d
±0.1
F
±1.0
C
±0.4
391K
5.4
5.4
6.2
6.2
6.4
6.
7.
7.8
7.4
431K
5.7
5.7
6.5
6.5
6.7
8.0
7.6
05D
7.5
10.5
13.0
0.6
5
1.2
471K
6.0
6.0
6.7
6.7
6.9
7.
8.3
7.9
511K
6.2
6.2
6.8
6.8
7.0
7.
8.7
8.1
07D
9
12
13.5
0.6
5
1.2
561K
6.5
6.5
7.0
7.0
7.2
9.0
8.5
621K
7.1
7.3
7.3
7.5
9.4
8.8
10D
12.5
16.5
17.5
0.8
7.5
1.4
681K
7.3
7.6
7.6
7.8
8.
9.
9.5
9.1
751K
8.0
8.0
8.2
10.0
9.5
14D
16.5
20
21
0.8
7.5
1.4
781K
8.1
8.1
8.3
10.2
9.7
821K
8.3
8.3
8.5
10.8
9.9
20D
23
26.5
28
1.0
10
1.4
911K
8.8
8.8
9.0
2
1
11.2
10.5
102K
9.3
9.3
9.5
9.7
11.2
11.2
11.3
25D
28
32
1.0
10
112K
9.9
9.9
10.1
10.3
11.8
12.3
11.9
K: 3.0 max. L0: 15.0 min. L: 20.0 min.
MERITEK
Metal Oxide Varistors
MVR Series


Similar Part No. - MVR10D471KQ-S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR1206-101G LEIDITECH-MVR1206-101G Datasheet
862Kb / 5P
   Maximum allowable continuous DC voltage VDC 85.0 V
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
602Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-120G LEIDITECH-MVR1206-120G Datasheet
831Kb / 5P
   Maximum allowable continuous DC voltage VDC 9.0 V
MVR1206-160G LEIDITECH-MVR1206-160G Datasheet
752Kb / 5P
   Maximum allowable continuous DC voltage
MVR1206-180G LEIDITECH-MVR1206-180G Datasheet
590Kb / 5P
   Maximum allowable continuous DC voltage
More results

Similar Description - MVR10D471KQ-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com