Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P094 Datasheet(PDF) 8 Page - Rohm

Part # BM2P094
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P094 Datasheet(HTML) 8 Page - Rohm

Back Button BM2P094 Datasheet HTML 4Page - Rohm BM2P094 Datasheet HTML 5Page - Rohm BM2P094 Datasheet HTML 6Page - Rohm BM2P094 Datasheet HTML 7Page - Rohm BM2P094 Datasheet HTML 8Page - Rohm BM2P094 Datasheet HTML 9Page - Rohm BM2P094 Datasheet HTML 10Page - Rohm BM2P094 Datasheet HTML 11Page - Rohm BM2P094 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(3) VCC pin protection function
BM2PXX4 built in VCC low voltage protection function of VCCUVLO (Under Voltage Lock Out), over voltage protection
function of VCC OVP (Over Voltage Protection) and VCC charge function that operates in case of dropping the VCC
voltage.
This function monitors VCC pin and prevent VCC pin from destroying switching MOSFET at abnormal voltage.
VCC charge function stabilizes the secondary output voltage to be charged from the high voltage line by start circuit at
dropping the VCC voltage.
(3-1) VCC UVLO / VCC OVP function
VCCUVLO is auto recovery comparator. VCCOVP is auto recovery comparator that has voltage hysteresis.
Refer to the operation figure-8.
VCCOVP operates detection in case of continuing VCC pin voltage > VOVP (typ=27.5V).
This function built in mask time TLATCH(typ=100us).By this function, this IC masks pin generated surge etc.
VCCuvlo1=13.5Vtyp
ON
OFF
Vovp1=27.5Vtyp
Vchg2= 8.7Vtyp
ON
OFF
OFF
ON
OFF
A
BC
D
F
OFF
G
H
IJ
VCCuvlo2 8.2Vtyp
A
Vovp1=23.5Vtyp
ON
ON
OFF
ON
Vchg1=13.0Vtyp
E
Figure 8. VCC UVLO / OVP Timing Chart
A:DRAIN voltage input, VCC pin voltage starts rising.
B:VCC>Vuvlo1, DC/DC operation starts
C:VCC< VCHG1, VCC charge function operates and the VCC voltage is rise.
D:VCC > VCHG2, VCC charge function is stopped.
E:VCC > VOVP1 continues TLATCH(typ =100us), switching is stopped by the VCCOVP function.
F:VCC < VOVP2 , DC/DC operation restarts
G:VH is OPEN.VCC Voltage is fall.
H:Same as C.
I:Same as D.
J: VCC<Vuvlo2, DC/DC operation stops


Similar Part No. - BM2P094

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P094 ROHM-BM2P094 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P094F ROHM-BM2P094F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P094F ROHM-BM2P094F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P094F-GE2 ROHM-BM2P094F-GE2 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
More results

Similar Description - BM2P094

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com