Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC08X101K302 Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MSC08X101K302
Description  Safety Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSC08X101K302 Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MSC08X101K302 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSC08X101K302 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSC08X101K302 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSC08X101K302 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit: pieces
Plastic tape
Size
Thickness
(mm)
7” reel
13” reel
1.25±0.10
2k
-
1.40±0.15
2k
-
1.60±0.20
2k
1808 (4520)
2.00±0.20
1k
-
1.25±0.10
1k
-
1.60±0.20
1k
2.00±0.20
1k
-
1812 (4532)
2.50±0.30
0.5k
3k
1.60±0.20
1k
-
2.00±0.20
1k
2211 (5728)
2.50±0.30
0.5k
-
The dimension of reel
The dimension of plastic tape
Size
1808
1812
2211
Chip
Thickness
1.25±0.10
1.40±0.15
1.60±0.20
2.00±0.20
1.25±0.10
1.60±0.20
2.00±0.20
2.50±0.30
1.60±0.20
2.00±0.20
2.50±0.30
A0
<2.50
<2.50
<3.90
<3.90
<3.30
<3.30
B
B
0
<5.30
<5.30
<5.30
<5.30
<6.50
<6.50
T
0.25±0.05
0.25±0.05
0.25±0.05
0.25±0.05
0.30±0.10
0.30±0.10
K0
<2.50
<2.50
<2.50
<3.00
<2.50
<3.10
W
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
12.0±0.20
P0
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
4.00±0.10
10xP0
40.0±0.20
40.0±0.20
40.0±0.20
40.0±0.20
40.0±0.20
40.0±0.20
P1
4.00±0.10
4.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
8.00±0.10
P2
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
2.00±0.05
D0
1.50+0.10/-0
1.50+0.10/-0
1.50±0.10/-0
1.50+0.10/-0
1.50+0.10/-0
1.50+0.10/-0
D1
1.50±0.10
1.50±0.10
1.50±0.10
1.50+/-0.10
1.50±0.10
1.50±0.10
E
1.75±0.10
1.75±0.10
1.75±0.10
1.75+/-0.1
1.75±0.1
1.75±0.10
F
5.50±0.05
5.50±0.05
5.50±0.05
5.50+/-0.05
5.50±0.05
5.50±0.05
MERITEK
Safety Chip Capacitors
MSC Series
(X<2/;Y3)
PACKAGE DIMENSIONS
EMBOSSED TAPE DIMENSIONS
4
Rev 7


Similar Part No. - MSC08X101K302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
   1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
   Silicon Carbide N-Channel Power MOSFET
logo
Inchange Semiconductor ...
MSC080SMA120J ISC-MSC080SMA120J Datasheet
576Kb / 3P
   SiC N-Channel MOSFET
More results

Similar Description - MSC08X101K302

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA342D MURATA1-GA342D Datasheet
205Kb / 1P
   MURATA Safety Rated Ceramic Chip Capacitors
2012
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX222MA5BA01 MURATA1-DE1E3KX222MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX471KN5A MURATA1-DE1B3KX471KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MN5AA01 MURATA1-DE1E3KX152MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX102MN5AA01 MURATA1-DE1E3KX102MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com