Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1P062FJ Datasheet(PDF) 9 Page - Rohm

Part # BM1P062FJ
Description  PWM Control type DC/DC converter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P062FJ Datasheet(HTML) 9 Page - Rohm

Back Button BM1P062FJ Datasheet HTML 5Page - Rohm BM1P062FJ Datasheet HTML 6Page - Rohm BM1P062FJ Datasheet HTML 7Page - Rohm BM1P062FJ Datasheet HTML 8Page - Rohm BM1P062FJ Datasheet HTML 9Page - Rohm BM1P062FJ Datasheet HTML 10Page - Rohm BM1P062FJ Datasheet HTML 11Page - Rohm BM1P062FJ Datasheet HTML 12Page - Rohm BM1P062FJ Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/18
Datasheet
Datasheet
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
TSZ02201-0F2F0A200090-1-2
22.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
3-2)VCC Charge function
The VCC charge function operates once the VCC pin >V
UVLO1 and the DC/DC operation starts then the VCC pin voltage
drops to <V
CHG1. At that time the VCC pin is charged from the VH pin through the start up circuit.
By this operation, BM1Pxxx doesn’t occur to start failure.
The VCC pin voltage is rise, then VCC >V
CHG2
, charge is stopped. The operations are shown in figure 9.
VCC
VUVLO1
VUVLO2
VCHG1
Switching
VH charge
charge
charge
OUTPUT
voltage
VCHG2
charge charge
AB C D E
F G H
VH
Figure 9. Charge operation VCC pin charge operation
A:The VH pin voltage rises, the charge starts to the VCC pin by the VCC charge function.
B:VCC > V
UVLO1
, the VCC UVLO function releases, the VCC charge function stops, the DC/DC operation starts.
C:When DC/DC operation starts, the VCC voltage drops.
D:VCC < V
CHG1, the VCC recharge function operates.
E:VCC > V
CHG2
, the VCC recharge function stops.
F:VCC < V
CHG1
, the VCC recharge function operates.
G:VCC < V
CHG1
, the VCC recharge function stops.
H:After a start of output voltage finished, the VCC Pin is charged by the auxiliary winding, then VCC pin stabilizes.


Similar Part No. - BM1P062FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P062FJ ROHM-BM1P062FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P062FJ ROHM-BM1P062FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
More results

Similar Description - BM1P062FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com