Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVS2220B240-S Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MVS2220B240-S
Description  Metal Oxide Varistors Surface Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVS2220B240-S Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MVS2220B240-S Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVS2220B240-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RECOMMENDED APPLICATIONS
RF/Handheld Devices
Telecom / Datacom
Networking
Power Supplies
Instrumentation
Industrial Controls/Automation
PART NUMBERING SYSTEM
DIMENSIONS
L
W
D
E
mm
mm
mm
mm
1206
3.2 ± 0.20
1.6 ± 0.15
1.2 max.
0.5 +0.2/-0.2
1210
3.2 ± 0.20
2.5 ± 0.20
1.5 max.
0.5 +0.2/-0.2
1812
4.5 ± 0.20
3.2± 0.20
2.0 max.
0.5 +0.3/-0.1
2220
5.7 ± 0.20
5.0 ± 0.20
2.5 max.
0.5 +0.3/-0.1
3220
8.1± 0.30
5.0 ± 0.30
2.5 max.
0.8 +0.3/-0.1
Working voltage:
5.5 ~ 385 VDC
-40 ~ +125°C operating temperature range
Bidirectional and symmetrical V/I characteristics
Multilayer ceramic construction technology
Cost effective
MVS Series
MERITEK
Metal Oxide Varistors
Surface Mount
Specifications are subject to change without notice.
W
L
D
E
MVS
1206
B
240
Meritek Series
Size
0402; 0603; 0805; 1206; 1210; 1812; 2220; 3220
Application Code
B: General Purpose
Varistor Voltage
CODE
240
241
24V
240V
-S
High Surge
Size: 0402, 0603, 0805, 1206, 1210, 1812, 2220, 3220
FEATURES
Size: 0402, 0603 ,0805 ,1206,1210, 1812, 2230, 3220 --- Please see Page 1 to Page 5
Size: 3225, 4032 (Encapsulated Type)
--- Please see Page 6 to Page 9
0402
1.0 ± 0.10
0.5 ± 0.10
0.5 ± 0.10
0.25 +0.1/-0.1
0603
1.6 ± 0.15
0.8 ± 0.15
0.9 max.
0.3 +0.1/-0.1
1
Rev 7
Type
2
.0 ± 0.20
1.25 ± 0.15
1.0 max.
0.
3 +0.1/-0.1


Similar Part No. - MVS2220B240-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MVS22A05A ETC1-MVS22A05A Datasheet
688Kb / 9P
   DIP 14 SERIES REED RELAYS
MVS22A05B ETC1-MVS22A05B Datasheet
688Kb / 9P
   DIP 14 SERIES REED RELAYS
MVS22A05C ETC1-MVS22A05C Datasheet
688Kb / 9P
   DIP 14 SERIES REED RELAYS
MVS22A05S ETC1-MVS22A05S Datasheet
688Kb / 9P
   DIP 14 SERIES REED RELAYS
MVS22A12A ETC1-MVS22A12A Datasheet
688Kb / 9P
   DIP 14 SERIES REED RELAYS
More results

Similar Description - MVS2220B240-S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV08CH180 DBLECTRO-JV08CH180 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
logo
KOA Speer Electronics, ...
NV73A1JT KOA-NV73A1JT Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com