Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUY160V222M22X25 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUY160V222M22X25
Description  Snap-In Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUY160V222M22X25 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUY160V222M22X25 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUY160V222M22X25 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MUY Series
W.V(V)
Cap (μF)
φ
20
φ
22
φ
25
φ
30
φ
35
φ
20
φ
22
φ
25
φ
30
φ
35
φ
20
φ
22
φ
25
φ
30
φ
35
20x35
22x25
1.00
1.00
20x30
20x35
22x30
25x25
0.90
1.20
1.18
1.18
20x30
20x35
22x25
20x40
22x35
25x25
30x25
1.10
1.20
1.20
1.18
1.30
1.30
1.30
20x35
22x25
20x40
22x30
25x25
20x50
22x40
25x30
30x25
1.19
1.27
1.40
1.37
1.37
1.49
1.49
1.49
1.49
20x35
22x30
25x25
20x40
22x35
25x30
30x25
22x45
25x35
30x30
35x25
1.50
1.50
1.50
1.50
1.50
1.50
1.50
1.65
1.65
1.65
1.65
20x40
22x35
25x30
30x25
20x45
22x40
25x35
30x30
22x50
25x40
30x35
35x30
1.65
1.60
1.60
1.60
1.70
1.67
1.67
1.67
1.75
1.75
1.75
1.75
20x45
22x40
25x30
30x25
22x45
25x40
30x30
35x25
25x45
30x35
35x30
1.82
1.82
1.82
1.82
1.78
1.78
1.78
1.78
2.00
2.00
2.00
22x45
22x35
30x30
35x25
22x50
25x45
30x35
35x30
30x45
35x35
2.04
2.04
2.04
2.04
2.00
2.04
2.04
2.04
2.20
2.20
22x50
25x40
30x35
35x30
25x50
30x40
35x35
30x45
35x40
2.25
2.25
2.25
2.25
2.30
2.30
2.30
2.47
2.47
25x45
30x40
35x30
30x45
35x40
35x45
2.50
2.50
2.50
2.65
2.65
2.85
30x45
35x35
35x45
2.85
2.84
3.08
35x40
35x50
3.00
3.48
35x45
3.50
W.V(V)
Cap (μF)
φ
20
φ
22
φ
25
φ
30
φ
35
φ
20
φ
22
φ
25
φ
30
φ
35
φ
20
φ
22
φ
25
φ
30
φ
35
20x30
0.50
20x30
20x35
22x25
0.48
0.50
0.53
20x30
20x30
22x25
20x40
22x30
25x25
0.52
0.64
0.64
0.56
0.64
0.64
20x30
22x25
20x35
22x30
20x45
22x30
25x30
30x25
0.60
0.75
0.72
0.70
0.64
0.69
0.69
0.64
20x35
22x30
25x25
20x40
22x30
25x25
20x50
22x35
25x30
30x25
0.70
0.82
0.75
0.76
0.75
0.75
0.74
0.80
0.80
0.80
20x40
22x35
25x30
20x45
22x35
25x30
30x25
22x40
25x35
30x30
0.78
0.88
0.83
0.88
0.88
0.88
0.88
0.88
0.88
0.88
20x45
22x40
25x30
30x25
22x40
25x35
30x30
22x45
25x40
30x35
35x25
0.92
0.92
0.92
0.92
0.98
0.98
0.98
1.00
1.00
1.00
1.00
22x45
25x35
30x30
22x45
25x40
30x35
30x25
25x45
30x40
35x30
1.05
1.05
1.02
1.10
1.10
1.10
1.10
1.12
1.12
1.12
22x50
25x40
30x35
35x25
25x45
30x35
35x30
25x50
30x45
35x35
1.18
1.18
1.18
1.20
1.22
1.22
1.22
1.25
1.28
1.28
25x45
30x35
35x30
25x50
30x40
35x35
30x50
35x40
1.30
1.35
1.22
1.44
1.44
1.43
1.45
1.45
25x50
30x40
35x30
30x45
35x35
30x50
35x45
1.52
1.52
1.52
1.51
1.50
1.50
1.55
30x45
35x35
30x50
35x40
35x50
1.65
1.65
1.90
1.90
1.85
35x40
35x45
35x60
1.90
2.12
2.30
35x45
35x50
2.00
2.35
IR : Maxium permissible ripple current [A(rms) at 105
oC,120Hz]
Case size [
φ DxL (mm)]
560
680
270
330
390
470
120
150
180
220
56
68
82
100
2200
350(2V)
400(2G)
450(2W)
1000
1200
1500
1800
470
560
680
820
160(2C)
200(2D)
250(2E)
220
270
330
390
rev.7a


Similar Description - MUY160V222M22X25

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com