Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820415511 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 820415511
Description  HIGH SURGE VARISTOR DISC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

820415511 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  820415511 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 820415511 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 820415511 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 820415511 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 820415511 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 820415511 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Artikelnummer / part number :
Datum / Date :
2006-06-29
Bezeichnung :
description :
DIAM:
10
MM
ROHS Compliant
A Elektrische Eigenschaften / electrical properties :
TECHNICAL DATA
Breakdown
Clamping
Current
Peak Current
Voltage
Voltage
Clamp. Volt.
Withstanding C.
(V@mA) (*1)
(%)
AC
DC
V (*2)
(A)
A (*3)
820415511
910
10
550
745
1500
25
3500
* 1 The varistor voltage was measured at 0.1 mA current for 5 mm diameter and 1 mA current for other
* 2 The Clamping voltage measured at "Current Clamping Voltage" see next column
* 3 The Peak Current was tested at 8/20 us waveform for 1 time
Rated
Diameter
Wattage
UL
CSA
VDE
(W)
J (*4)
pF (*5)
(*6)
(*7)
(*8)
(mm)
820415511
0.4
127.0
95
yes
yes
yes
10
* 4. The Energy measured at 10/1000 µs waveform for 1 time
* 5. The capacitance value measured at standard frequency @ 1kHz
* 6. Certification UL N° XUHT2.E244196
* 7. Certification CSA N° XUHT8.E244196
* 8. Certification VDE N° 40016998 & 40016986
SURGE LEVEL IEC61000-4-5
Severity Level
(kV)
1
0,5
21
3
2
4
4
X
Special
Wave during
T1
T2
8/20 µs
10 µs
1000 µs
10/700 µs CCITT
10 µs
700 µs
10/1000 µs
10 µs
1000 µs
ORDER CODE
820
X
X
XXX
X
S
Varistor Type
Serie
Diameter
Vrms Voltage
Tolerance
Other
Special Type
Code
Disc Varistor
5 = Standard
5 = 5 mm
5 = 5%
Lead Diameter
See Table
4 = High Surge
7 = 7 mm
1 = 10%
Lead Pitch
See Table
1 = 10 mm
6 = 15%
Lead Style
Straight lead
4 = 14 mm
2 = 20%
Packing
Ammopack
2 = 20 mm
7 = 25%
with lead 20 mm
Example:
3 = 30%
180 = 18 V
271 = 270 V
102 = 1 000 V
Energy
http://www.we-online.com
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Part Number
Capacitance
Certification
MARKING CODE
Kunde / customer :
820 415 511
Tolerance
HIGH SURGE VARISTOR DISC
Part Number
Working
Voltage
Spezifikation für Freigabe / specification for release
PAGE/SEITE 1 - PAGES/VON 6


Similar Part No. - 820415511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820415511B WURTH-820415511B Datasheet
148Kb / 4P
   Disk Varistor HighSurge WE-VD
Version 5.1 2013-03-01
More results

Similar Description - 820415511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820453811 WURTH-820453811 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820471511 WURTH-820471511 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820411311 WURTH-820411311 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820422711 WURTH-820422711 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820423211 WURTH-820423211 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820426811 WURTH-820426811 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820446001 WURTH-820446001 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
logo
List of Unclassifed Man...
820475001 ETC2-820475001 Datasheet
148Kb / 6P
   HIGH SURGE VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820474611 WURTH-820474611 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
820412511 WURTH-820412511 Datasheet
153Kb / 6P
   HIGH SURGE VARISTOR DISC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com