Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0468160151 Datasheet(PDF) 2 Page - Weidmuller

Part # 0468160151
Description  Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0468160151 Datasheet(HTML) 2 Page - Weidmuller

  0468160151 Datasheet HTML 1Page - Weidmuller 0468160151 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 6.5 |
Horizontal | Digits continuous
- 2 -
Classifications
ETIM 2.0
EC000761
ETIM 3.0
EC000761
eClass 4.1
24-19-02-19
eClass 5.0
27-14-11-37
eClass 5.1
27-14-11-37
Similar products
Order No.
Part designation
Version
0468160001
DEK 6,5 FW 1-50
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160051
DEK 6,5 FW 51-100
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160101
DEK 6,5 FW 101-150
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160201
DEK 6,5 FW 201-250
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160251
DEK 6,5 FW 251-300
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160301
DEK 6,5 FW 301-350
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160351
DEK 6,5 FW 351-400
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160401
DEK 6,5 FW 401-450
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160451
DEK 6,5 FW 451-500
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160501
DEK 6,5 FW 501-550
Connector markers, L x W: 5 x 6.5 mm, Polyamide, white


Similar Part No. - 0468160151

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468160101 WEIDMULLER-0468160101 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
More results

Similar Description - 0468160151

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0407360041 WEIDMULLER-0407360041 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060061 WEIDMULLER-0519060061 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360011 WEIDMULLER-0407360011 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160101 WEIDMULLER-0468160101 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468260051 WEIDMULLER-0468260051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060041 WEIDMULLER-0519060041 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060051 WEIDMULLER-0519060051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360021 WEIDMULLER-0407360021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060011 WEIDMULLER-0519060011 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060071 WEIDMULLER-0519060071 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com