Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFMP0207V1000FE Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MFMP0207V1000FE
Description  Metal Film Precision MELF Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MFMP0207V1000FE Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MFMP0207V1000FE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MFMP0207V1000FE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal Film Precision Resistor-CSR Series
■Construction
1 Insulation Coating
4 Electrode Cap
2 Trimming Line
5 Resistor Layer
3 Ceramic Rod
6 Marking
■Dimensions
Unit: mm
Packaging
Type
L
ΦD
K
min.
Weight (g)
(1000pcs)
180mm (7”)
MFMP0204
3.50±0.20 1.40±0.15
0.5
18.7
3,000EA
MFMP0207
5.90±0.20 2.20±0.20
0.5
80.9
2,000EA
■Part Numbering
■Derating Curve
Product
Type
Dimensions
(L×ΦD)
Power
Rating
Resistance
Resistance
Tolerance
TCR
0204: 3.5x1.4
0207: 5.9x2.2
T: 1W
U: 1/2W
V: 1/4W
2201: 2200ohm
1001: 1Kohm
1
1004: 1Mohm
0100: 10ohm
1000: 100ohm
B: ±0.1%
C: ±0.25%
D: ±0.5%
D: ±50
D: ±50
E: ±100
E: ±100
B: ±10
N: ±15
C: ±25
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)
■Features
Excellent overall stability
Tight tolerance down to ±0.1%
Extremely low TCR down to ±10 PPM/°C
High power rating up to 1 Watt
■Applications
Automotive
Telecommunication
Medical Equipment
L
ΦD
K
1
2 3
4
6
5
0204
V
1000
D
D
MFMP
MERITEK
Metal Film Precision MELF Resistors
MFMP Series
(PPM/°C)
REV. 6B
REV. 6B
1
REV. 6B
REV. 6B


Similar Part No. - MFMP0207V1000FE

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
   Metal Film MELF Resistor
logo
Mean Well Enterprises C...
MFM-05 MEANWELL-MFM-05 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-12 MEANWELL-MFM-05-12 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-15 MEANWELL-MFM-05-15 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-24 MEANWELL-MFM-05-24 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
More results

Similar Description - MFMP0207V1000FE

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com