Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTS2920L250R Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS2920L250R
Description  Polymeric PTC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS2920L250R Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTS2920L250R Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTS2920L250R Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
The dimension in the table below provides the recommended pad layout for each MPTS1206 device
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp) 3 ℃/second max.
Preheat :
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150 ℃
200 ℃
60-180 seconds
Time maintained above:
Temperature(TL)
Time (tL)
217 ℃
60-150 seconds
Peak/Classification Temperature(Tp) : 260 ℃
Time within 5℃ of actual Peak :
Temperature (tp)
20-40 seconds
Ramp-Down Rate :
6 ℃/second max.
Time 25 ℃ to Peak Temperature :
8 minutes max.
Polymeric PTC
MPTS Series
Pad dimensions (millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
All 1206 Series
2.00
1.00
1.90
Solder reflow
Due to “Lead Free” nature, Temperature
and Dwell time for the soldering zone is
higher than those for Non-compliant
parts. This may cause damage together
components.
Recommended max solder paste
thickness > 0.25mm.
Devices can be cleaned using standard
methods and aqueous solvent.
Rework should utilize standard industry
practices. Theses changes should apply
to all notes for each case size.
Storage Environment : < 30ºC / 60%RH
Caution:
If reflow temperatures exceed the
recommended profile, devices may not
meet the performance requirements.
Devices are not designed to be wave
soldered to the bottom side of the board.
Rev.7


Similar Part No. - MPTS2920L250R

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS2920L250 MERITEK-MPTS2920L250 Datasheet
453Kb / 20P
   Polymeric PTC
More results

Similar Description - MPTS2920L250R

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com