Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTR60V040 Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR60V040
Description  Polymeric PTC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR60V040 Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTR60V040 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTR60V040 Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Electrical Characteristics (23º)
MPTR36V
Resistance Tolerance
Hold
Current
Trip
Current
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
IMAX,A
VMAX,Vdc
Pd, W
MPTR36V050
0.50
1.10
40
36
0.67
0.140
0.448
MPTR36V075
0.75
1.50
40
36
0.71
0.115
0.368
MPTR36V090
0.90
1.80
40
36
0.74
0.090
0.288
MPTR36V120
1.20
2.30
40
36
0.78
0.074
0.180
MPTR36V135
1.35
2.50
40
36
0.84
0.059
0.143
MPTR36V160
1.60
2.75
40
36
0.86
0.041
0.131
MPTR36V190
1.90
3.00
40
36
0.90
0.045
0.092
MPTR36V220
2.20
3.50
40
36
0.95
0.025
0.080
MPTR36V250
2.50
4.00
40
36
0.99
0.020
0.064
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
MPTR Series
Polymeric PTC
Rev.7


Similar Part No. - MPTR60V040

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPT DBLECTRO-MPT Datasheet
143Kb / 2P
   Metallized Polyester Film Capacitor (Tubular)
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-12 MICROSEMI-MPT-12 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Astrodyne Corporation
MPT-120 ASTRODYNE-MPT-120 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
More results

Similar Description - MPTR60V040

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com