Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSA1XX03502-MS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MSA1XX03502-MS
Description  Surge Absorber (Spark Gap)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSA1XX03502-MS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MSA1XX03502-MS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSA1XX03502-MS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSION
ELECTRICAL CHARACTERISTICS
Note: Vs±XX%
Surge Absorber
MSA Series
(Spark Gap)
MSA1-M(S) SERIES
FEATURES
Response time<1ns
MSA1 Surge Current is 3000A
Package
Stable and very Small electrostatic capacitance (<0.8pf) and great
isolation(>100M)
Standard protection required by US UL497A and UL497B
Small size
Item
MSA1
L6.0±0.
D
φ3.2±0.2
A3.2±0.
B3.2±0.
L1
0.8±0.3
L2
0.6±0.3
5
2
2
DC
Spark-Over
Voltage
Maximu
Capacitance
(1KHz-6VMAX)
Surge current
capacity
Surge Life
Test
Vs
(V)
Test Voltage
(V)
Irohm
(M
Ω)
C
(pF)
8/20µs (A)
8/20µs, 100A
MSA1XX00702-MS
140
50
100
0.8
MSA1XX01002-MS
200
100
100
0.8
MSA1XX01102-MS
220
100
100
0.8
MSA1XX01502-MS
300
100
100
0.8
MSA1XX02002-MS
400
250
100
0.8
MSA1XX02502-MS
500
250
100
0.8
MSA1XX03002-MS
600
250
100
0.8
MSA1XX03502-MS
700
500
100
0.8
MSA1XX05002-MS
1000
500
100
0.8
MSA1XX07502-MS
1500
500
100
0.8
Type
S
PART NUMBER
Minimum
Insulation Resistance
3000
250 times


Similar Part No. - MSA1XX03502-MS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA1XX03502-M MERITEK-MSA1XX03502-M Datasheet
87Kb / 1P
   Surge Absorber (Spark Gap)
More results

Similar Description - MSA1XX03502-MS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA1-M MERITEK-MSA1-M Datasheet
87Kb / 1P
   Surge Absorber (Spark Gap)
MSA2-M MERITEK-MSA2-M Datasheet
89Kb / 1P
   Surge Absorber (Spark Gap)
MSA3-M MERITEK-MSA3-M Datasheet
86Kb / 1P
   Surge Absorber (Spark Gap)
MSA1 MERITEK-MSA1 Datasheet
98Kb / 2P
   Surge Absorber(Spark Gap)
MSA2 MERITEK-MSA2 Datasheet
93Kb / 2P
   Surge Absorber (Spark Gap)
MSA3 MERITEK-MSA3 Datasheet
91Kb / 2P
   Surge Absorber (Spark Gap)
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com