Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTS1812L075 Datasheet(PDF) 9 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS1812L075
Description  Polymeric PTC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS1812L075 Datasheet(HTML) 9 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTS1812L075 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075 Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Electrical Characteristics (23º)
MPTS1210
Max Time to Trip
Resistance
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Current
Time
RMIN
R1MAX
Part
Number
IH, A
IT, A
VMAX, Vdc
IMAX, A
Pd, W
Amp
Sec
MPTS1210L005
0.05
0.15
60
10
0.60
0.25
3.00
3.600
50.000
MPTS1210L010
0.10
0.25
60
10
0.60
0.50
1.50
1.600
15.000
MPTS1210L020
0.20
0.40
30
10
0.60
8.00
0.02
0.800
5.000
MPTS1210L035
0.35
0.70
16
40
0.60
8.00
0.20
0.320
1.300
MPTS1210L050
0.50
1.00
16
40
0.60
8.00
0.10
0.250
0.900
MPTS1210L075
0.75
1.50
8
40
0.60
8.00
0.10
0.130
0.400
MPTS1210L110R
1.10
2.20
6
100
0.80
8.00
0.30
0.060
0.210
MPTS1210L150R
1.50
3.00
6
100
0.80
8.00
0.50
0.040
0.110
MPTS1210L175R
1.75
4.00
6
100
0.80
8.00
0.60
0.020
0.080
MPTS1210L200R
2.00
4.00
6
100
0.80
8.00
1.00
0.015
0.070
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
MPTS Series
Polymeric PTC
Rev.7


Similar Part No. - MPTS1812L075

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS1812L075-24R MERITEK-MPTS1812L075-24R Datasheet
453Kb / 20P
   Polymeric PTC
MPTS1812L075-33R MERITEK-MPTS1812L075-33R Datasheet
453Kb / 20P
   Polymeric PTC
MPTS1812L075R MERITEK-MPTS1812L075R Datasheet
453Kb / 20P
   Polymeric PTC
More results

Similar Description - MPTS1812L075

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com