Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQY214A Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KAQY214A
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY214A Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KAQY214A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY214A Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SPECIFICATION
R
Ro
oH
HS
S C
Co
om
mp
plliia
an
nc
ce
e
DATE:02/22/2011
NO.61M00005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214A
SHEET 1 OF 7
REV.
2
OUTSIDE DIMENSION︰
0.254
10.00±0.4
1.00
7.62
6.50
1.20
2.54
4.60
cosmo
Y214
Date Code
XXX
Turn On / Turn Off time
Output
TON
Input
TOFF
90%
10%
NORMALLY OPEN
1 FORM A
4
3
1
4
2
3
Absolute Maximum Ratings
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ………………………………
5.0V Output Breakdown Voltage ………………… ± 400V
Continuous Forward Current ……………...
50mA Continuous Load Current ………………
± 130mA
Peak Forward Current …………………………… 1A Power Dissipation …………………………
500mW
Power Dissipation …………………………
100mW
Derate Linearly from 25℃ ……………… 1.3mW/℃
General Characteristics
Isolation Test Voltage ………………
3750VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Vio=500V,Ta=25℃ ……………………… ≧1010Ω Junction Temperature ………………………… 100℃
Total Power Dissipation …………………… 550mW
Derate Linearly from 25℃ ……………… 2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………… 260℃
Unit︰mm
Tolerance︰±0.2mm


Similar Part No. - KAQY214A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY214ATL COSMO-KAQY214ATL Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214ATLD COSMO-KAQY214ATLD Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214ATR COSMO-KAQY214ATR Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214ATRU COSMO-KAQY214ATRU Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results

Similar Description - KAQY214A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com