Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTS1210L035 Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS1210L035
Description  Polymeric PTC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS1210L035 Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  MPTS1210L035 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS1210L035 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics (23º)
MPTS1206
Max Time to Trip
Resistance
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Current
Time
RMIN
R1MAX
Part
Number
IH, A
IT, A
VMAX, Vdc
IMAX, A
Pd, W
Amp
Sec
MPTS1206L005
0.05
0.15
60
10
0.4
0.25
1.50
3.60
50.00
MPTS1206L010
0.10
0.25
60
10
0.4
0.50
1.00
1.60
15.00
MPTS1206L012
0.12
0.39
48
10
0.6
1.00
0.20
1.40
6.50
MPTS1206L016
0.16
0.45
48
10
0.6
1.00
0.30
1.10
5.00
MPTS1206L020
0.20
0.40
30
10
0.4
8.00
0.10
0.600
2.500
MPTS1206L025
0.25
0.50
16
40
0.6
8.00
0.08
0.550
2.300
MPTS1206L035
0.35
0.75
16
40
0.4
8.00
0.10
0.300
1.200
MPTS1206L050
0.50
1.00
8
40
0.4
8.00
0.10
0.150
0.700
MPTS1206L050-24R
0.50
1.00
24
100
0.6
8.00
0.10
0.150
0.750
MPTS1206L075R
0.75
1.50
6
100
0.6
8.00
0.20
0.090
0.290
MPTS1206L075-16R
0.75
1.50
16
100
0.6
8.00
0.20
0.090
0.290
MPTS1206L100R
1.00
1.80
6
100
0.6
8.00
0.30
0.055
0.210
MPTS1206L110R
1.10
2.20
6
100
0.8
8.00
0.30
0.040
0.180
MPTS1206L150R
1.50
3.00
6
100
0.8
8.00
1.00
0.030
0.120
MPTS1206L200R
2.00
3.50
6
100
0.8
8.00
1.50
0.018
0.080
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
Polymeric PTC
MPTS Series
Rev.7


Similar Part No. - MPTS1210L035

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS1210L035R MERITEK-MPTS1210L035R Datasheet
453Kb / 20P
   Polymeric PTC
More results

Similar Description - MPTS1210L035

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com