Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0463100000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0463100000
Description  Wire-end ferrule, 1.5 mm짼, 8 mm, Colour code: Weidm체ller, red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0463100000 Datasheet(HTML) 1 Page - Weidmuller

  0463100000 Datasheet HTML 1Page - Weidmuller 0463100000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Tools | Wire end ferrules | Wire end ferrules with plastic collar | Conductor nom. cross-section 1.5mm²
| packed loose in polythene bag
- 1 -
General ordering data
Order No.
0463100000
Part designation
H1,5/14 R
Version
Wire-end ferrule, 1.5 mm², 8 mm, Colour code:
Weidmüller, red
EAN
4008190065089
Qty.
500 pc(s).
Technical data
Length
14 mm
Width
4 mm
Height
4 mm
Product data
Conductor rated cross-section
1.5 mm²
AWG
16
Total length (L1)
14 mm
Contact surface length (L2)
8 mm
Contact surface diameter (D1)
1.7 mm
Collar diameter (D2)
3.5 mm
Metal sleeve thickness (S1)
0.15 mm
Plastic collar thickness (S2)
0.25 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000005
ETIM 3.0
EC000005
eClass 4.1
27-06-07-01
eClass 5.0
27-40-02-01


Similar Part No. - 0463100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0463100000 WEIDMULLER-0463100000 Datasheet
899Kb / 20P
   Accessories
More results

Similar Description - 0463100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0463000000 WEIDMULLER-0463000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 8 mm, Colour code: Weidm체ller, yellow
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
0409700000 WEIDMULLER-0409700000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 6 mm, Colour code: Weidm체ller, yellow
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0534200000 WEIDMULLER-0534200000 Datasheet
55Kb / 2P
   Wire-end ferrule, 10 mm짼, 12 mm, Colour code: Weidm체ller, Ivory
0317000000 WEIDMULLER-0317000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 25 mm짼, 16 mm, Colour code: Weidmuller, brown
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
   Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
   Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com