Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLR20102R001D Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MLR20102R001D
Description  Metal Alloy Low-Ohmic Current Sensing Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MLR20102R001D Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MLR20102R001D Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MLR20102R001D Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MLR20102R001D Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MLR20102R001D Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
 
 
Rev. 7
 
Metal Alloy Low-Ohmic
Current Sensing Resistor
MLR Series
Tape Dimensions
Unit: mm
Packaging Quantity
Type
Tape Width
Packaging Quantity (pcs / reel)
Emboss Plastic Type
4 mm Pitch
8 mm Pitch
12 mm Pitch
MLR1206
8 mm
4000 pcs
MLR2010
12 mm
2000 pcs
MLR2512
12 mm
2000 pcs
MLR2725
12 mm
1000 pcs
MLR2728
12 mm
1000 pcs
MLR4527
24 mm
500 pcs
Reel Dimensions
Unit: mm
Reel Type/ Tape
W
M
A
B
C
D
7” reel for 8 mm tape
12.0 ± 0.5
178 ± 1.0
2.0 ± 0.5
13.2 ± 0.5
17.7 ± 0.5
60.0 ± 0.5
7” reel for 12 mm tape
16.2 ± 0.5
2.5 ± 0.5
13.5 ± 0.5
60.0 ± 0.5
7” reel for 24 mm tape
24.4 + 2/-0
2.0 ± 0.5
13.2 ± 0.5
60.0 ± 0.5
Type
A
B
W
E
F
T1
T2
P
P0
10 X P0
P1
MLR1206
3.48±0.10 1.83±0.10
8.0±0.15
1.75±0.10
3.5±0.10
0.90±0.10
0.20±0.05
4.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10
MLR2010
5.45±0.10 2.90±0.10
12.0±0.15
1.75±0.10
5.5±0.10
1.10±0.10
0.23±0.05
4.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10
MLR2512
6.74±0.10 3.90±0.10
12.0±0.15
1.75±0.10
5.5±0.10
1.08±0.10
0.24±0.05
8.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10
MLR2725
7.15±0.10 6.75±0.10
12.0±0.15
1.75±0.10
5.5±0.10
1.70±0.10
0.25±0.05
8.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10
MLR2728
7.15±0.10 7.70±0.10
12.0±0.15
1.75±0.10
5.5±0.10
1.20±0.10
0.25±0.05 12.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10
MLR4527
11.80±0.10 7.20±0.10
24.0±0.15
1.75±0.10 11.5±0.10
1.70±0.10
0.30±0.10 12.0±0.10
4.0±0.10
40.0±0.20
2.0±0.10


Similar Part No. - MLR20102R001D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MLR202K100 NTE-MLR202K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR205K400 NTE-MLR205K400 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR205K630 NTE-MLR205K630 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
More results

Similar Description - MLR20102R001D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
   Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
CSS SEI-CSS Datasheet
530Kb / 13P
   Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
   Metal Alloy Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com