Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD54123F-E Datasheet(PDF) 10 Page - Rohm

Part # BD54123F-E
Description  EARTH LEAKAGE CURRENT DETECTOR IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD54123F-E Datasheet(HTML) 10 Page - Rohm

Back Button BD54123F-E Datasheet HTML 6Page - Rohm BD54123F-E Datasheet HTML 7Page - Rohm BD54123F-E Datasheet HTML 8Page - Rohm BD54123F-E Datasheet HTML 9Page - Rohm BD54123F-E Datasheet HTML 10Page - Rohm BD54123F-E Datasheet HTML 11Page - Rohm BD54123F-E Datasheet HTML 12Page - Rohm BD54123F-E Datasheet HTML 13Page - Rohm BD54123F-E Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet
Datasheet
10/11
BD54123F
TSZ02201-0RCR1GZ00060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.10.29 Rev.002
www.rohm.co.jp
TSZ22111・15・001
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
0.1
S
●Ordering Information
B
D
5
4
1
2
3
F
E 2
Part Number
Package
F: SOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8)
●Physical Dimension Tape and Reel Information
●Marking Diagrams
SOP8
(TOP VIEW)
541
23
LOT Number
PIN MARK


Similar Part No. - BD54123F-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BD54102G-CZ ROHM-BD54102G-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
BD54103G-CZ ROHM-BD54103G-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
BD54104G-CZ ROHM-BD54104G-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
BD54105G-CZ ROHM-BD54105G-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
BD54107G-CZ ROHM-BD54107G-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
More results

Similar Description - BD54123F-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9584F-E ROHM-BD9584F-E Datasheet
574Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-E ROHM-BD9582F-E Datasheet
582Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-M ROHM-BD9582F-M Datasheet
610Kb / 14P
   Automotive EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-M-E ROHM-BD9582F-M-E Datasheet
552Kb / 14P
   Automotive EARTH LEAKAGE CURRENT DETECTOR IC
logo
New Japan Radio
NJU9102 NJRC-NJU9102 Datasheet
523Kb / 22P
   Digital Earth Leakage Current Detector IC
Ver.3.3
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com