Electronic Components Datasheet Search |
|
MPTR16V400 Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION |
|
MPTR16V400 Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION |
8 / 19 page Electrical Characteristics (23º) MPTR30V Resistance Tolerance Hold Current Trip Current Max.Time To Trip Maximum Current Rated Voltage Typical Power RMIN R1MAX Part Number IH, A IT, A at 5xIH IMAX, A VMAX, Vdc Pd, W ohms ohms MPTR30V090 0.90 1.80 5.9 40 30 0.6 0.070 0.22 MPTR30V110 1.10 2.20 6.6 40 30 0.7 0.050 0.17 MPTR30V135 1.35 2.70 7.3 40 30 0.8 0.040 0.13 MPTR30V160 1.60 3.20 8.0 40 30 0.9 0.030 0.11 MPTR30V185 1.85 3.70 8.7 40 30 1.0 0.030 0.09 MPTR30V250 2.50 5.00 10.3 40 30 1.2 0.020 0.07 MPTR30V300 3.00 6.00 10.8 40 30 2.0 0.020 0.08 MPTR30V400 4.00 8.00 12.7 40 30 2.5 0.010 0.05 MPTR30V500 5.00 10.00 14.5 40 30 3.0 0.010 0.05 MPTR30V600 6.00 12.00 16.0 40 30 3.5 0.005 0.04 MPTR30V700 7.00 14.00 17.5 40 30 3.8 0.005 0.03 MPTR30V800 8.00 16.00 18.8 40 30 4.0 0.005 0.02 MPTR30V900 9.00 18.00 20.0 40 30 4.2 0.005 0.02 IH=Hold current-maximum current at which the device will not trip at 23ºC still air. IT=Trip current-minimum current at which the device will always trip at 23ºC still air. V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX) I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment. RMIN=Minimum device resistance at 23ºC prior to tripping. R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds. Termination pad characteristics Termination pad materials: Pure Tin MPTR Series Polymeric PTC Rev.7 |
Similar Part No. - MPTR16V400 |
|
Similar Description - MPTR16V400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |