Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7168GU-E Datasheet(PDF) 5 Page - Rohm

Part # BD7168GU-E
Description  USB Switching Charger IC Integrating a USB Adapter Automatic Detection Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7168GU-E Datasheet(HTML) 5 Page - Rohm

  BD7168GU-E Datasheet HTML 1Page - Rohm BD7168GU-E Datasheet HTML 2Page - Rohm BD7168GU-E Datasheet HTML 3Page - Rohm BD7168GU-E Datasheet HTML 4Page - Rohm BD7168GU-E Datasheet HTML 5Page - Rohm BD7168GU-E Datasheet HTML 6Page - Rohm BD7168GU-E Datasheet HTML 7Page - Rohm BD7168GU-E Datasheet HTML 8Page - Rohm BD7168GU-E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5/57
BD7168GU
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0Q2Q0A400070-1-2
20012.10.09 Rev.001
 Charger detector / Analog SW unit
● Electric characteristics (VBUS = 5.0 V, VBAT = 3.6 V, Ta = 25℃, and CTI = 1000 pF unless otherwise specified)
Item
Symbol
Standard value
Unit
Condition
Minimum
Standard
Maximu
m
【USB charger detector】
VDAT_SRC voltage
(D+ output voltage)
VDAT_SRC
0.5
0.6
0.7
V
Io=0~200
μA
RCD resistance (D+ pull-up
resistance)
RCD
52
69
86
VDATA_REF voltage
(D- detection voltage)
VDAT_REF
0.3
0.35
0.4
V
At the time of the DM terminal rise
VLGC voltage (D- detection
voltage)
VLGC
1.2
1.4
1.6
V
At the time of the DM terminal rise
D- sink current
IDAT_SINK
50
100
150
μA
V(DM) = 0.6V
Detection voltage for
BCS-compliant PORT (D+
detection voltage)
VTL
VBUS
×0.22
VBUS
×0.27
VBUS
×0.32
V
BCS-compliant PORT:
SDP, CDP, DCP
Detection voltage for pull-up
PORT(D+ detection voltage)
VTM
VBUS
×0.48
VBUS
×0.53
VBUS
×0.58
V
DPPD resistance
(D+ pull-down resistance )
VTH
VBUS
×0.75
VBUS
×0.80
VBUS
×0.85
V
Pull-up PORT:
PS2, UART
VDAT_SRC voltage
(D+ output voltage)
RDPPD
333
667
1000
【USBSW (DP, DM) unit】
SW ON resistance
RON_USBSW
3
6
Ω
VIN=3.3V or 0V
Leakage current in OFF
IIOFF_USB
-3
3
μA
VIN=3.3V or 0V VB=OPEN
SW capacitance
CSW
6
pF
USBSW ON
USBSW startup time
TUPUSB
1
ms
USBSW OFF→ON
◎Radiation-resistant design is not adopted.


Similar Part No. - BD7168GU-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD710 STMICROELECTRONICS-BD710 Datasheet
261Kb / 5P
   NPN POWER TRANSISTORS
logo
Savantic, Inc.
BD710 SAVANTIC-BD710 Datasheet
92Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD710 ISC-BD710 Datasheet
133Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD710 NJSEMI-BD710 Datasheet
102Kb / 2P
   silicon epitaxial-base NPN power transistors in Jedec TO-220 plastic package
logo
STMicroelectronics
BD711 STMICROELECTRONICS-BD711 Datasheet
97Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - BD7168GU-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
   USB charger IC
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
9017R FUMAN-9017R Datasheet
231Kb / 5P
   USB charger IC
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
E-CMOS Corporation
EC49021 E-CMOS-EC49021 Datasheet
154Kb / 6P
   USB Charger Enhance IC
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
   USB B - USB A ADAPTER
logo
Fairchild Semiconductor
FSA9485 FAIRCHILD-FSA9485 Datasheet
616Kb / 4P
   USB Port Multimedia Switch Featuring Automatic Switching and Accessory Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com