Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPTH250V110 Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTH250V110
Description  Polymeric PTC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTH250V110 Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  MPTH250V110 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTH250V110 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics (23ºC)
Resistance
Max. Time
To Trip
Hold
Current
Trip
Current
Current
Time
Maximum
Current
Max Oper.
Voltage
Max Int.
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH, A
IT, A
A
Sec
IMAX, A
VMAX, Vdc
VI-MAX,V
Pd, W
MPTH250V080UV
0.08
0.16
0.35
4.0
3.0
100
250
1.0
14.0
33.0
MPTH250V080V
0.08
0.16
0.35
4.0
3.0
100
250
1.0
14.0
33.0
MPTH250V110UV
0.11
0.22
1.00
2.0
3.0
100
250
1.0
5.0
16.0
MPTH250V110V
0.11
0.22
1.00
2.0
3.0
100
250
1.0
5.0
16.0
MPTH250V120UV
0.12
0.24
1.00
2.0
3.0
100
250
1.0
6.0
16.0
MPTH250V120V
0.12
0.24
1.00
2.0
3.0
100
250
1.0
4.0
16.0
MPTH250V145UV
0.15
0.29
1.00
2.5
3.0
100
250
1.0
3.5
12.0
MPTH250V145V
0.15
0.29
1.00
2.5
3.0
100
250
1.0
3.0
12.0
MPTH250V180UV
0.18
0.65
1.50
10.0
10.0
100
250
1.5
0.8
4.0
MPTH250V180V
0.18
0.65
1.50
11.0
10.0
100
250
1.5
0.8
4.0
MPTH250V180XV
0.18
0.65
3.00
2.0
10.0
100
250
1.5
0.8
4.0
MPTH600V150V
0.15
0.30
1.00
5.0
3.0
250
600
1.0
6.0
22.0
MPTH600V150M
0.15
0.30
1.00
4.0
3.0
250
600
1.0
6.0
17.0
MPTH600V160V
0.16
0.32
1.00
7.0
3.0
250
600
1.0
4.0
18.0
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-maximum current at which the device will always trip at 23℃ still air.
V MAX=Maximum operating voltage at which the device can withstand without damage at its rated current.
VI -MAX = Maximum interrupt voltage device can withstand for short period of time. (Not for long term.)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃ 1 hour after tripping .
Physical specifications:
Lead material: MPTH250V080V ~ MPTH250V180V Tin plated copper, 22 AWG.
MPTH600V150V ~ MPTH600V160V Tin plated copper, 22 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy ,meet UL-94V-0 requirement.
Polymeric PTC
MPTH Series
Rev.7


Similar Part No. - MPTH250V110

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPT DBLECTRO-MPT Datasheet
143Kb / 2P
   Metallized Polyester Film Capacitor (Tubular)
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-12 MICROSEMI-MPT-12 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Astrodyne Corporation
MPT-120 ASTRODYNE-MPT-120 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
More results

Similar Description - MPTH250V110

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com