Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVY5P333S2KV7R1 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # HVY5P333S2KV7R1
Description  High Voltage Ceramic Capacitors 500V-4KV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HVY5P333S2KV7R1 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  HVY5P333S2KV7R1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HVY5P333S2KV7R1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HVY5P333S2KV7R1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MERITEK
High Voltage Ceramic
Capacitors 500V-4KV
HV Series
RATED VOLTAGE
TEMP CHARACTERISTICS / CAPACITANCE (pF)
DIMENSIONS (mm)
(VDC)
SL
Y5P (B)
Z5U (E)
Z5V (F)
D max.
T
d
1-82
100-820
100-2200
470-2200
6
83-150
1000-1500
3300
3300-5600
7
180
2200
4700-5600
6800
8
220
6800
10000
9
270-330
3300
8200
15000
10
390-560
10000
22000
12
680-820
4700
15000
33000
14
1000
10000
22000
47000
16
33000
56000
18
500V
47000
100000
22
4
0.5
±.05
1-82
100-470
100-1500
470-2200
6
100-120
560-820
2200
3300
7
150
1000
3300
4700
8
180
1500
4700
5600
9
220
2200
5600-6800
6800
10
270-390
3300
8200-10000
8200-15000
12
470-560
4700
-
14
680-820
5600-6800
15000
22000
16
1000
8200-10000
22000
33000
18
-
20
1000V
47000
47000
22
5
0.6
±.05
1-50
100-330
100-680
470-1000
7
56-82
390
820-1000
1500
8
100-120
470-560
1500
2200
9
150
680-820
2200
3300
10
180
1000
3300
4700-5600
12
220
1500
4700-5600
6800-8200
14
270-390
2200
6800-8200
10000
16
470-560
3300
10000
15000
18
680
4700
-
22000
20
820
5600-6800
15000
-
22
2000V
1000
8200
22000
33000
24
6
0.6
±.05
1-33
100-220
100-560
470-1000
8
39-47
330
680-820
-
9
56-68
470
1000-1500
1500
10
82-100
560-680
2200
2200
12
120-150
820
-
3300
14
180-220
1000-1500
3300-4700
4700
16
270-330
2200
6800-8200
18
470
3300
8200
10000
20
560
-
10000
-
22
680
4700
-
15000
24
3000V
820
15000
22000
26
7
0.6
±.05
NPO and X7R dielectrics also available


Similar Part No. - HVY5P333S2KV7R1

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVY-16V271MG10-R2 TAIYO-YUDEN-HVY-16V271MG10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V271MG10N-R2 TAIYO-YUDEN-HVY-16V271MG10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
HVY-16V271MG10Q-R2 TAIYO-YUDEN-HVY-16V271MG10Q-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Powertrain and Safety
HVY-16V471MH10-R2 TAIYO-YUDEN-HVY-16V471MH10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V471MH10N-R2 TAIYO-YUDEN-HVY-16V471MH10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
More results

Similar Description - HVY5P333S2KV7R1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
HV MERITEK-HV Datasheet
155Kb / 3P
   High Voltage Ceramic Capacitors 500V-4KV
logo
GETAI ELECTRONICS DEVIC...
2CL69 GETEDZ-2CL69_16 Datasheet
68Kb / 1P
   5mA 4kV HIGH VOLTAGE DIODES
2CL69 GETEDZ-2CL69 Datasheet
68Kb / 5P
   5mA 4kV HIGH VOLTAGE DIODES
logo
Cynergy3 Co
S1-0504DM CYNERGY3-S1-0504DM Datasheet
514Kb / 1P
   4kV Isolation Voltage across contacts
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com