Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHC-C-133L Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # MHC-C-133L
Description  Transient Voltage Suppressors (High Current)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHC-C-133L Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  MHC-C-133L Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHC-C-133L Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MHC-C-133L Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MHC-C-133L Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MHC-C-133L Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MHC-C-133L Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FLOW/WAVE SOLDERING
RECOMMENDATION PARAMETERS
Cooling
Soldering
Preheating
Flow/wave Soldering
Peak Temperature:
265 °C
s
d
n
o
c
e
s
0
1
:
e
m
i
T
g
n
i
p
p
i
D
e
m
it
1
:
g
n
ir
e
d
l
o
S
300
250
200
150
100
50
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Maximum Wave 260C
PEAK POWER DERATING
120
100
80
60
40
20
0
0
25
50
75
100
125
150
120
100
80
60
40
20
0
0
5
10
15
20
25
30
Peak Value LPP
tf
td= t| LPP/2
e-t
PULSE WAVE FORM
Transient
MHC-L Series
MERITEK
FLOW/WAVE SOLDERING RECOMMENDATION PARAMETERS
t Time ( V)
Ambient Temperature (°C)
TIME (Min.)
6
Rev 7


Similar Part No. - MHC-C-133L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHC-3816 ETC2-MHC-3816 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
Analog Devices
MHC-W21-601-LF AD-MHC-W21-601-LF Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - MHC-C-133L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com