Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1206XF101Z101 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MA1206XF101Z101
Description  Multilayer Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MA1206XF101Z101 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MA1206XF101Z101 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MA1206XF101Z101 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MERITEK
Multilayer Ceramic Chip Capacitors
MA Series
Dielectric
C0G(NP0)
X7R/X5R
Y5V
Size
0201, 0402, 0603, 0805, 1206, 1210, 1812
0201, 0402, 0603, 0805, 1206,
1210, 1812, 2220, 2225
0402, 0603, 0805, 1206,
1210, 1812
Capacitance range*
0.3pF to 39nF
100pF to 2.2µF
10nF to 1.0µF
Capacitance tolerance
Cap≤5pF: B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF: C (±0.25pF), D (±0.5pF)
Cap≥10pF: F (±1%), G (±2%), J (±5%),
K (±10%)
J (±5%), K (±10%), M (±20%)
M (±20%), Z (-20/+80%)
Rated voltage (WVDC)
16V, 25V, 50V
10V, 16V, 25V, 50V
Tan δ*
Cap<30pF: Q≥400+20C
Cap≥30pF: Q≥1000
Note 1
Insulation resistance at Ur
≥10GΩ
≥10GΩ or RxC≥100ΩxF whichever is less
Operating temperature
-55 to +125°C (-55 to +85°C for X5R)
-25 to +85°C
Capacitance characteristic
±30ppm
±15%
+30/-80%
Termination
Cu (or Ag)/Ni/Sn (lead-free termination)
* Measured at the condition of 30~70% related humidity.
C0G(NP0): Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
X7R/X5R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C ambient temperature.
Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 20°C ambient temperature.
Note 1:
Rated vol. D.F.
Exception of D.F.
≥50V
≤2.5% ≤3%
0603≥0.047μF; 0805≥0.18μF,
1206≥0.47μF
≤5%
0805≥1μF; 1210≥10μF
25V
≤3.5%
≤7%
0603≥0.33μF
≤5%
0402≥0.033μF; 0603≥0.15μF;
0805≥0.68μF; 1206≥2.2μF
16V
≤3.5%
≤10% 1210≥22μF; 0603≥0.68µF
10V
≤5.0% ≤10% 0603≥1μF; 0805≥2.2μF
Y5V
Rated vol.
D.F.
Exception of D.F.
≥50V
≤5.0%
7.0%
0603≥0.1µF; 0805≥0.47µF
≤7%
0402≥0.047µF; 0603≥0.1μF;
0805≥0.33μF; 1206≥1μF
25V
≤5.0%
≤9%
0402≥0.068μF; 0603≥0.47µF
16V (C<1.0μF)
≤7.0%
≤9%
0402≥0.068μF; 0603≥0.68μF
16V (C≥1.0μF)
≤9.0%
≤12.5%
0805≥4.7μF; 1206≥10μF;
1210≥22μF; 1812≥47μF
10V
≤12.5%
---
---
X7R/X5R
2
Rev 7


Similar Part No. - MA1206XF101Z101

ManufacturerPart #DatasheetDescription
logo
RFE international
MA1206XR104K101A RFE-MA1206XR104K101A Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101B RFE-MA1206XR104K101B Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101R RFE-MA1206XR104K101R Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K500R RFE-MA1206XR104K500R Datasheet
94Kb / 2P
   CERAMIC CAPACITORS MA Series: Multilayer Surface Mount
More results

Similar Description - MA1206XF101Z101

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com