Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLR4527BR100D Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MLR4527BR100D
Description  Metal Alloy Low-Ohmic Current Sensing Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MLR4527BR100D Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MLR4527BR100D Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MLR4527BR100D Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MLR4527BR100D Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MLR4527BR100D Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
Rev. 7
 
Metal Alloy Low-Ohmic
Current Sensing Resistor
MLR Series
Product Specifications
Type
Number
of
Terminals
Rated
Power at
70°C
Max.
Rated
Current
Max.
Overload
Current
T.C.R
(ppm / °C)
Resistance Range
Operating
Temperatur
e
Range
D (±0.5%)
F (±1%),
G (±2%),
J (±5%)
MLR1206
2
0.5W
22.36A
44.72A
1 ~ 4 mΩ≤±50
4.1 ~ 15 mΩ≤±25
15.1 ~ 50 mΩ≤±15
7 ~ 50 mΩ
1 ~ 50 Ωm
-55°C ~
+170°C
1W
31.62A
63.25A
7 ~ 50 mΩ
1 ~ 50 Ωm
MLR2010
2
1W
31.62A
63.25A
1 ~ 3 mΩ≤±50
3.1 ~ 6.9 mΩ≤±25
7 ~ 100 mΩ≤±15
7 ~ 100 mΩ
1 ~ 100 mΩ
MLR2512
2
1W
44.72A
100.00A
0.5 ~ 3 mΩ≤±50
3.1 ~ 6.9 mΩ≤±25
7 ~ 100 mΩ≤±15
7 ~ 100 mΩ
0.5 ~ 100mΩ
1.5W
54.77A
122.48A
2W
63.25A
141.42A
0.5 ~ 3 mΩ≤±50
3.1 ~ 6.9 mΩ≤±25
7 ~ 75 mΩ≤±15
7 ~ 75 mΩ
0.5 ~ 75mΩ
3W
77.46A
134.16A
0.5 ~ 2.5 mΩ≤±50
2.6 ~ 10 mΩ≤±25
7 ~ 10 mΩ
0.5 ~ 10mΩ
MLR2725
2
4W
126.49A
252.95A
≤±50
--
0.25 ~ 3mΩ
MLR2728
2
3W
27.39A
47.43A
4 ~ 7 mΩ≤±25
7.1 ~ 100 mΩ≤±15
4 ~ 100 mΩ
3.5W
29.58A
51.23A
4W
31.62A
63.25A
4 ~ 7 mΩ≤±25
7.1 ~ 50 mΩ≤±15
4 ~ 50 mΩ
MLR4527
2
3W
77.5A
134A
≤±50
7 ~ 120 mΩ
0.5 ~ 120 mΩ
5W
100A
173A
Recommend Land Pattern
Unit: mm
Type
Maximum
Power Rating
(Watts)
Land Pattern Dimensions
Resistance
Range (mΩ)
a
b
i
MLR1206
0.5 & 1.0
1.0 ~ 50.0
1.60
2.18
1.00
MLR2010
1.0
1.0 ~ 3.0
2.89
2.92
1.22
3.1 ~ 100.0
2.29
2.92
2.41
MLR2512
1.0 & 1.5
0.5 ~ 4.0
3.05
3.68
1.27
4.1 ~ 100.0
2.11
3.68
3.18
MLR2512
2.0
0.5 ~ 4.0
3.05
3.68
1.27
4.1 ~ 75.0
2.11
3.68
3.18
MLR2512
3.0
0.50
3.05
3.68
1.27
0.6 ~ 2.9 &
4.1 ~ 10.0
2.19
3.68
3.00
3.0 ~ 4.0
2.79
3.68
1.80
MLR2725
4.0
0.25 ~ 3.0
3.18
6.86
1.32
MLR2728
3.0 & 3.5 & 4.0
4.0 ~ 100.0
2.75
7.82
3.51
MLR4527
3.0 & 5.0
0.5 ~ 5.0
4.80
8.74
5.51
5.1 ~ 120
3.40
8.74
8.31


Similar Part No. - MLR4527BR100D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MLR405K400 NTE-MLR405K400 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR472K100 NTE-MLR472K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR472K400 NTE-MLR472K400 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR472K630 NTE-MLR472K630 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
MLR473K100 NTE-MLR473K100 Datasheet
26Kb / 2P
   MYLAR/POLYESTER FILM
More results

Similar Description - MLR4527BR100D

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
   Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
CSS SEI-CSS Datasheet
530Kb / 13P
   Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
   Metal Alloy Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
   Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com